Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3250J Datasheet(PDF) 1 Page - ebm-papst

Part # 3250J
Description  DC axial fans
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

3250J Datasheet(HTML) 1 Page - ebm-papst

  3250J Datasheet HTML 1Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
m3
c
V
V
d
B
/
W
r
°
H
H
9
5
1
7
2
3
1
1
-
8
1
1
6
1
7
3
4
2
1
-
7
1
1
6
1
7
3
4
2
1
-
7
1
1
8
1
7
3
4
3
2
-
7
1
1
8
1
7
3
4
3
2
-
7
1
1
1
1
8
4
5
5
2
-
6
1
1
1
1
8
4
5
5
2
-
6
1
9
5
2
1
2
3
1
1
-
8
1
1
8
2
1
3
4
3
2
-
7
1
1
1
2
1
4
5
5
2
-
6
1
1
1
2
1
4
5
5
2
-
6
1
1
1
4
2
4
5
5
2
-
6
√
1
1
4
2
4
5
5
2
-
6
1
52
Air performance measured according to: ISO 5801.
Installation category A, without contact protection.
Noise: Total sound power level LWA ISO 103002
measured on a hemisphere with a radius of 2 m.
Sound pressure level LpA measured at 1 m distance
from fan axis.
The values given are applicable only under the specified
measuring conditions and may differ depending on the
installation conditions.
In the event of deviation from the standard configuration,
the parametersmust be checked after installation!
For detailed information see
http://www.ebmpapst.com/general conditions
– Possible special versions:
(See chapter DC fans - specials)
- Speed signal
- Go / NoGo alarm
- External temperature sensor
- Internal temperature sensor
- PWM control input
- Analog control input
- Moisture protection
- Salt spray protection
- Degree of protection: IP 54 / IP 68
Max.
270 m3/h
– Material:
Housing: GRP1) (PBT)
Impeller: GRP1) (PA)
– Direction of air flow: Exhaust over struts
– Direction of rotation: Clockwise,
looking towards rotor
– Connection:
Via single wires AWG 22,
TR 64
– Weight:
240 g
1) Fiberglass-reinforced plastic
cfm
1
2
3
Type
m3/h
cfm
VDC
VDC
dB(A)
Bel(A)
/
Watts
rpm-1
°C
Hours
Hours
3252 J/2 H3P
270
158
12
7...13.2
64
7.6
35.0
7 450
-20...+70
85 000 / 42 500
142 500
¬
3254 J/2 H3P
270
158
24
14...26.4
64
7.6
35.0
7 450
-20...+70
85 000 / 42 500
142 500
¬
3258 J/2 HP**
145
85
48
36...56.0
46
5.8
7.0
4 100
-20...+70
100 000 / 50 000
170 000
¿
3258 J/2 HHP
235
138
48
36...56.0
59
7.0
24.3
6 650
-20...+70
90 000 / 45 000
152 500
¡
3258 J/2 H3P
270
158
48
36...56.0
64
7.6
33.6
7 450
-20...+70
85 000 / 42 500
142 500
¬
Subject to change
** On request
Tin-pla
ted
Finger guards
from p. 242
* Power consumption at free air flow. These values can be significantly higher in the operating point.
DC axial fans
 92 x 38 mm
Series 3250 J
Nominal data


Similar Part No. - 3250J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3250J ETC2-3250J Datasheet
295Kb / 1P
DC axial fans Series 3250 J 92 x 92 x 38 mm
logo
ebm-papst
3250J EBMPAPST-3250J Datasheet
375Kb / 3P
DC axial fans
3250J EBMPAPST-3250J Datasheet
704Kb / 3P
DC axial fans
3250J EBMPAPST-3250J Datasheet
345Kb / 3P
DC axial fans
3250J EBMPAPST-3250J Datasheet
430Kb / 3P
DC axial fans
More results

Similar Description - 3250J

ManufacturerPart #DatasheetDescription
logo
ETRI
158DL5LP11000 ETRI-158DL5LP11000 Datasheet
220Kb / 1P
DC Axial Fans
230DL1LP11000 ETRI-230DL1LP11000 Datasheet
211Kb / 1P
DC Axial Fans
246DS1LP11000 ETRI-246DS1LP11000 Datasheet
183Kb / 1P
DC Axial Fans
260DL5LP11000 ETRI-260DL5LP11000 Datasheet
203Kb / 1P
DC Axial Fans
281DL1LP11000B ETRI-281DL1LP11000B Datasheet
159Kb / 1P
DC Axial Fans
282DL1LP11000 ETRI-282DL1LP11000 Datasheet
213Kb / 1P
DC Axial Fans
291DL5LP11000 ETRI-291DL5LP11000 Datasheet
212Kb / 1P
DC Axial Fans
299DL1LP11000 ETRI-299DL1LP11000 Datasheet
184Kb / 1P
DC Axial Fans
352DS1LM11000 ETRI-352DS1LM11000 Datasheet
190Kb / 1P
DC Axial Fans
logo
List of Unclassifed Man...
F1238S-H ETC2-F1238S-H Datasheet
350Kb / 1P
DC AXIAL FANS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com