Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

400F Datasheet(PDF) 1 Page - ebm-papst

Part # 400F
Description  DC axial fans
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

400F Datasheet(HTML) 1 Page - ebm-papst

  400F Datasheet HTML 1Page - ebm-papst 400F Datasheet HTML 2Page - ebm-papst 400F Datasheet HTML 3Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
51
– Possible special versions:
(See chapter DC fans - specials)
- Speed signal
- Go / No-go alarm
- External temperature sensor
- Internal temperature sensor
- PWM control input
- Analogue control input
- Protection against moisture
- Protection against salt fog
- Type of protection: IP 54 / IP 68
DC axial fans
Series 3300 N
92 x 92 x 32 mm
max.
133 m3/h
– Material:
Housing: GRP1) (PBT)
Impeller: GRP1) (PA)
– Direction of air flow: Exhaust over struts
– Direction of rotation: Clockwise, seen on rotor
– Connection:
Via single wires AWG 24
UL 1061, TR 64
– Mass:
190 g
1) Fibreglass-reinforced plastic
Ø 100,1 ± 0,3
0
20
40
20
40
60
80
100
m³/h
CFM
20
40
60
60
80
100
120
4
6
5
3
2
1
Type
m3/h
CFM
VDC
VDC
dB(A) Bel(A)
/
Watts
rpm
°C
Hours
Hours
3312 NL
56
33
12
6...15
24
4,1
0,8
1 850
-20...+75
80 000 / 35 000
135 000
➀
3312 NM
68
40
12
6...15
29
4,5
1,3
2 250
-20...+75
70 000 / 30 000
117 500
➁
3312 NN
80
47
12
6...15
35
4,7
1,8
2 650
-20...+75
70 000 / 30 000
117 500
➂
3312 NH
93
54
12
6...15
38
5,1
2,8
3 050
-20...+75
65 000 / 27 500
110 000
➃
3312 NHH
107
63
12
6...15
42
5,4
3,4
3 450
-20...+75
57 500 / 25 000
97 500
➄
3312 NH3
133
78
12
6...14
50
6,0
6,7
4 350
-20...+70
50 000 / 25 000
85 000
➅
3314 NN
80
47
24
18...28
35
4,7
1,8
2 650
-20...+75
70 000 / 30 000
117 500
➂
3314 NH
93
54
24
18...28
38
5,1
2,6
3 050
-20...+75
65 000 / 27 500
110 000
➃
3314 NHH
107
63
24
18...28
42
5,4
3,5
3 450
-20...+75
57 500 / 25 000
97 500
➄
3314 NH3
133
78
24
18...28
50
6,0
6,7
4 350
-20...+75
50 000 / 22 500
85 000
➅
3318 NN
80
47
48
36...60
35
4,7
1,8
2 650
-20...+75
70 000 / 30 000
117 500
➂
3318 NH
93
54
48
36...60
38
5,1
3,5
3 050
-20...+75
65 000 / 27 500
110 000
➃
3318 NH3
133
78
48
36...58
50
6,0
6,5
4 350
-20...+75
50 000 / 22 500
85 000
➅
Subject to alternations
Nominal data
tin-plated
Guard grilles
from p. 238
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW


Similar Part No. - 400F

ManufacturerPart #DatasheetDescription
logo
ebm-papst
400F EBMPAPST-400F Datasheet
375Kb / 3P
DC axial fans
400F EBMPAPST-400F Datasheet
153Kb / 1P
DC axial fans
400F EBMPAPST-400F Datasheet
345Kb / 3P
DC axial fans
400F EBMPAPST-400F Datasheet
430Kb / 3P
DC axial fans
400F EBMPAPST-400F Datasheet
505Kb / 3P
DC axial fans
More results

Similar Description - 400F

ManufacturerPart #DatasheetDescription
logo
ETRI
158DL5LP11000 ETRI-158DL5LP11000 Datasheet
220Kb / 1P
DC Axial Fans
230DL1LP11000 ETRI-230DL1LP11000 Datasheet
211Kb / 1P
DC Axial Fans
246DS1LP11000 ETRI-246DS1LP11000 Datasheet
183Kb / 1P
DC Axial Fans
260DL5LP11000 ETRI-260DL5LP11000 Datasheet
203Kb / 1P
DC Axial Fans
281DL1LP11000B ETRI-281DL1LP11000B Datasheet
159Kb / 1P
DC Axial Fans
282DL1LP11000 ETRI-282DL1LP11000 Datasheet
213Kb / 1P
DC Axial Fans
291DL5LP11000 ETRI-291DL5LP11000 Datasheet
212Kb / 1P
DC Axial Fans
299DL1LP11000 ETRI-299DL1LP11000 Datasheet
184Kb / 1P
DC Axial Fans
352DS1LM11000 ETRI-352DS1LM11000 Datasheet
190Kb / 1P
DC Axial Fans
logo
List of Unclassifed Man...
F1238S-H ETC2-F1238S-H Datasheet
350Kb / 1P
DC AXIAL FANS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com