Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L20G20IS Datasheet(PDF) 21 Page - STMicroelectronics

Part # L20G20IS
Description  Ultra-compact two-axis gyroscope for optical image stabilization
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L20G20IS Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L20G20IS Datasheet HTML 17Page - STMicroelectronics L20G20IS Datasheet HTML 18Page - STMicroelectronics L20G20IS Datasheet HTML 19Page - STMicroelectronics L20G20IS Datasheet HTML 20Page - STMicroelectronics L20G20IS Datasheet HTML 21Page - STMicroelectronics L20G20IS Datasheet HTML 22Page - STMicroelectronics L20G20IS Datasheet HTML 23Page - STMicroelectronics L20G20IS Datasheet HTML 24Page - STMicroelectronics L20G20IS Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
DocID029474 Rev 2
21/29
L20G20IS
Register description
29
8.5
DATA_STATUS_OIS (0Ah R)
8.6
CTRL1_OIS (0Bh R/W)
Table 17. DATA_STATUS_OIS register
XYOR_OIS XOR_OIS YOR_OIS
0
XYDA_OIS XDA_OIS YDA_OIS
0
Table 18. DATA_STATUS_OIS description
XYOR_
OIS
OIS chain global data overrun. Default value: 0
(0: no overrun has occurred;
1: a new set of data has overwritten the previous set before the read)
XOR_
OIS
OIS chain X-axis data overrun. Default value: 0
(0: no overrun has occurred;
1: new X-axis data has overwritten a previous value before the read)
YOR_
OIS
OIS Y-axis data overrun. Default value: 0
(0: no overrun has occurred;
1: new Y-axis data has overwritten a previous value before the read)
XYDA_
OIS
OIS chain global new data available. Default value: 0
(0: a new set of data (X,Y axes) is not yet available;
1: a new set of data (X,Y axes) is available)
XDA_
OIS
OIS chain X-axis new data available. Default value: 0
(0: new data for the X-axis is not yet available; 1: new data for the X-axis is available)
YDA_
OIS
OIS chain Y-axis new data available. Default value: 0
(0: new data for the Y-axis is not yet available; 1: new data for the Y-axis is available)
Table 19. CTRL1_OIS register
BOOT
DR_
PULSED
BLE
SIM
ODU
ORIENT
PW1
PW0
Table 20. CTRL1_OIS register description
BOOT
Reboot memory content. Default value: 0
(0: normal mode; 1: reboot memory content(1))
1. Boot request is executed as soon as internal oscillator is turned on. It is possible to set this bit while in
power-down mode in which case it will be served at the next normal mode or sleep mode.
DR_PULSED
DRDY signal pulsed. Default value: 0
(0: DRDY is latched; 1: DRDY is pulsed)
BLE
Big/Little Endian Data Selection. Default value 0
(0: Data LSbyte @lower address; 1: Data MSbyte @ lower address)
SIM
SPI Serial Interface Mode configuration. Default value: 0
(0: 4-wire interface; 1: 3-wire interface)
ODU
Output Data Update. Default value: 0
(0: output registers not updated until MSB and LSB have been read;
1: OIS output registers are updated continuously)
ORIENT
Directional orientation selection. Default value: 0
(0: X-axis - Y-axis; 1: Y-axis - X-axis)
PW[1:0]
Power mode selection. Default: 00
Refer to Table 21.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com