Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P-S Datasheet(PDF) 21 Page - STMicroelectronics

Part # L9678P-S
Description  Automotive user configurable airbag IC
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P-S Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L9678P-S Datasheet HTML 17Page - STMicroelectronics L9678P-S Datasheet HTML 18Page - STMicroelectronics L9678P-S Datasheet HTML 19Page - STMicroelectronics L9678P-S Datasheet HTML 20Page - STMicroelectronics L9678P-S Datasheet HTML 21Page - STMicroelectronics L9678P-S Datasheet HTML 22Page - STMicroelectronics L9678P-S Datasheet HTML 23Page - STMicroelectronics L9678P-S Datasheet HTML 24Page - STMicroelectronics L9678P-S Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 203 page
background image
DocID029274 Rev 3
21/203
L9678P, L9678P-S
Start-up power control
202
4.2.1
Power_off mode
During the Power-off mode all supplies are disabled keeping the system in a quiescent state
with very low current draw from battery. As soon as WAKEUP > WU_mon the IC will move
to Sleep mode.
4.2.2
Sleep mode
During the Sleep mode the VINT3V3 and CVDD internal regulators are turned on and the IC
is ready for full activation of all the other supplies. As soon as battery voltage is over a
minimum threshold, all the other supplies are turned on and the IC enters the Active mode.
4.2.3
Active mode
This is the normal operating mode for the system.
All power supplies are enabled and the energy reserve boost converter starts to increase
the voltage at ERBOOST. Likewise, the VDD5 regulator is turned on. Once the VDD5 has
reached a good value, the VDD3V3 regulator starts up. Once the VDD3V3 regulator is in
regulation, RESET is released allowing the system microcontroller and other components to
begin their power-on sequence. Among these, also the ER charge current generator can be
enabled by the microcontroller via a dedicated SPI command.
The active mode can be left when either WAKEUP pin or VIN voltage drop down. For the
very first 9 ms after having entered the active mode, the WAKEUP pin low would
immediately cause the IC to switch back to sleep mode. After that time, WAKEUP pin low
must be first confirmed by a MCUSPI_SLEEP command prior to cause the system to switch
to passive mode. Passive mode is also entered in case of VIN voltage low.
4.2.4
Passive mode
In this state, the energy reserve charge current is disabled and the ERBOOST boost
converter is disabled only if the SYS_CFG(KEEP_ERBST_ON)=0. When in passive mode
the device automatically activates both the COVRACT output pin and the integrated ER
switch to allow VIN to be connected to the ER capacitor. In this time, VIN is supposed to be
increased up to almost VER level and the system operation relies on energy from the ER
capacitor. Two scenarios are possible: high or low battery. If VIN < VINGOOD, the device
moved from RUN state in ACTIVE mode to the ER state. Here, the ER capacitor is depleted
while supplying all the regulators until the POR on internal regulator occurs. The threshold
to decide the ER switch activation is based on VIN, because VIN is the supply voltage rail
for all regulators. If the device has still a good battery level, it entered the POWERMODE
SHUTDOWN thanks to WAKEUP pin and MCU command to switch off. In this case, the
VER node will be discharged down to approximately VIN level, which then will be supplied
out of the battery line. System will continue to run up to a dedicated SPI command which will
lead the device to enter the POWEROFF state.
The wake-up pin is filtered to suppress undesired state changes resulting from transients or
glitches. Typical conditions are shown in the chart below and summarized by state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com