Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678PTR Datasheet(PDF) 77 Page - STMicroelectronics

Part # L9678PTR
Description  Automotive user configurable airbag IC
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678PTR Datasheet(HTML) 77 Page - STMicroelectronics

Back Button L9678PTR Datasheet HTML 73Page - STMicroelectronics L9678PTR Datasheet HTML 74Page - STMicroelectronics L9678PTR Datasheet HTML 75Page - STMicroelectronics L9678PTR Datasheet HTML 76Page - STMicroelectronics L9678PTR Datasheet HTML 77Page - STMicroelectronics L9678PTR Datasheet HTML 78Page - STMicroelectronics L9678PTR Datasheet HTML 79Page - STMicroelectronics L9678PTR Datasheet HTML 80Page - STMicroelectronics L9678PTR Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 203 page
background image
DocID029274 Rev 3
77/203
L9678P, L9678P-S
SPI interface
202
5.1.24
Loops diagnostic configuration command register for low level
diagnostic (LPDIAGREQ)
Address:
38
Type:
RW
Buffer:
$3800
Reset:
$0070
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MOSI
-
MISO
0
000
DIAG_LEVEL
0
0
0 Diagnostic mode selector
Updated by SSM_RESET or SPI write
0 low level mode
1 N/A - see description below
ISRC_CURR_SEL
0
0
0 Selection of ISRC current value
0 40mA
1 8mA
PD_CURR
0
0
0 Pull down current control
Updated by SSM_RESET or SPI write
0 Request OFF only for channels connected to VRCM or ISINK or ISRC,
ON for all other channels
1 Request OFF for all channels
ISRC [1:0]
00
00
00 High side current source for channel selected in RES_MEAS_CHSEL[3:0]
Updated by SSM_RESET or SPI write
00 = OFF
01 = ON 40 mA current for channel selected in RES_MEAS_CHSEL,
OFF on all other channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com