Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPB-R0111051S Datasheet(PDF) 1 Page - LUMEX INC.

Part # LPB-R0111051S
Description  10 x 5mm LIGHT BAR.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.

LPB-R0111051S Datasheet(HTML) 1 Page - LUMEX INC.

  LPB-R0111051S Datasheet HTML 1Page - LUMEX INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
10.16 0.400
1.00 0.039
1.60 0.063
11.36 0.447
8.95 0.352
1.60 0.063
4.98 0.196
1.50 0.059
(2 PLS)
1.80 0.071
(2 PLS)
8.36 0.329
3.10 0.122
1.60 0.063
SOLDER PADS
NOTES:
1. MILKY WHITE DIFFUSED WINDOW.
2. RECOMMEND SML-LX2832 SERIES LED
.
PCB LAYOUT
SCALE :
mm [INCH]
DATE:
DRAWN BY:
425 N. GARY AVE.
CAROL STREAM, IL 60188
PHONE:800-278-5666
FAX:630-315-2150
WEB:WWW.LUMEX.COM
10 x 5mm LIGHT BAR.
**THE SPECIFICATIONS MAY CHANGE AT ANY TIME WITHOUT NOTICE DUE TO NEW MATERIALS OR PRODUCT IMPROVEMENT.**
CONFIDENTIAL INFORMATION
THE INFORMATION CONTAINED IN THIS DOCUMENT IS THE PROPERTY OF LUMEX INC. EXCEPT AS SPECIFICALLY AUTHORIZED IN WRITING BY LUMEX INC., THE HOLDER OF THIS DOCUMENT SHALL
KEEP ALL INFORMATION CONTAINED HEREIN CONFIDENTIAL AND SHALL PROTECT SAME IN WHOLE OR IN PART FROM DISCLOSURE AND DISSEMINATION TO ALL THIRD PARTIES.
CHKD BY:
APRVD BY:
PAGE:
UNIT:
*UNLESS OTHERWISE SPECIFIED TOLERANCES PER DECIMAL PRECISION ARE: X=±1 (±0.039), X.X=±0.5 (±0.020), X.XX=±0.25 (±0.010), X.XXX=±0.127 (±0.005). LEAD SIZE=±0.05 (±0.002), LEAD LENGTH=±0.75 (±0.030). MIN=
MAX.=
+DECIMAL PRECISION
-0.00
+0.00
-DECIMAL PRECISION
NTF
Pb
PART NUMBER
REV
LPB-R0111051S
C
2016.10.04
1 OF 1
K.Y.
G.Y.
E.C.
REV.
E.C.N. NUMBER AND REVISION COMMENTS
DATE
A
B
C
E.C.N. #11148.
E.C.N. #11498.
ECN-Lumex201700084
01.24.07
04.16.08
10.04.16


Similar Part No. - LPB-R0111051S

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
LPB-R0112051S LUMEX-LPB-R0112051S Datasheet
45Kb / 1P
20x5mm LIGHT BAR
LPB-R0112051S-ARW LUMEX-LPB-R0112051S-ARW Datasheet
87Kb / 1P
20 X 5mm LIGHT BAR WITH ARROW OVERLAY
More results

Similar Description - LPB-R0111051S

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP835-2GDT KINGBRIGHT-WP835-2GDT Datasheet
421Kb / 6P
5mm x 10mm LIGHT BAR
logo
LUMEX INC.
SSB-LX2350IW LUMEX-SSB-LX2350IW Datasheet
132Kb / 1P
5mm X 20mm 4 CHIP LIGHT BAR
SSB-LX2350SIW LUMEX-SSB-LX2350SIW Datasheet
51Kb / 1P
5mm X 20mm 4 CHIP LIGHT BAR
SSB-LX2450SYD LUMEX-SSB-LX2450SYD Datasheet
51Kb / 1P
5mm X 20mm 4 CHIP LIGHT BAR
SSB-LX2450SYW LUMEX-SSB-LX2450SYW Datasheet
51Kb / 1P
5mm X 20mm 4 CHIP LIGHT BAR
SSB-LX2450YW LUMEX-SSB-LX2450YW Datasheet
133Kb / 1P
5mm X 20mm 4 CHIP LIGHT BAR
SSB-LX2550GD LUMEX-SSB-LX2550GD Datasheet
130Kb / 1P
5mm X 20mm 4 CHIP LIGHT BAR
SSB-LX2550SGD LUMEX-SSB-LX2550SGD Datasheet
53Kb / 1P
5mm X 20mm 4 CHIP LIGHT BAR
SSB-LX2550SGW LUMEX-SSB-LX2550SGW Datasheet
53Kb / 1P
5mm X 20mm 4 CHIP LIGHT BAR
SSB-LX2550SUGW LUMEX-SSB-LX2550SUGW Datasheet
91Kb / 1P
5mm X 20mm 4 CHIP LIGHT BAR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com