Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83815 Datasheet(PDF) 49 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83815
Description  10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83815 Datasheet(HTML) 49 Page - National Semiconductor (TI)

Back Button DP83815 Datasheet HTML 45Page - National Semiconductor (TI) DP83815 Datasheet HTML 46Page - National Semiconductor (TI) DP83815 Datasheet HTML 47Page - National Semiconductor (TI) DP83815 Datasheet HTML 48Page - National Semiconductor (TI) DP83815 Datasheet HTML 49Page - National Semiconductor (TI) DP83815 Datasheet HTML 50Page - National Semiconductor (TI) DP83815 Datasheet HTML 51Page - National Semiconductor (TI) DP83815 Datasheet HTML 52Page - National Semiconductor (TI) DP83815 Datasheet HTML 53Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 108 page
background image
49
www.national.com
4.0 Register Set (Continued)
4.2.8 Interrupt Enable Register
The Interrupt Enable Register controls the hardware INTR signal.
4.2.9 Transmit Descriptor Pointer Register
This register points to the current Transmit Descriptor.
Tag: IER
Size: 32 bits
Hard Reset: 00000000h
Offset: 0018h
Access: Read Write
Soft Reset: 00000000h
Bit
Bit Name
Description
31-1
unused
0
IE
Interrupt Enable
When set to 1, the hardware INTR signal is enabled. When set to 0, the hardware INTR signal will be
masked, and no interrupts will be generated. The setting of this bit has no effect on the ISR or IMR. This
provides the ability to disable the hardware interrupt to the host with a single access (eliminating the
need for a read-modify-write cycle).
Tag: TXDP
Size: 32 bits
Hard Reset: 00000000h
Offset: 0020h
Access: Read Write
Soft Reset: 00000000h
Bit
Bit Name
Description
31-2
TXDP
Transmit Descriptor Pointer
The current value of the transmit descriptor pointer. When the transmit state machine is idle, software
must set TXDP to the address of a completed transmit descriptor. While the transmit state machine is
active, TXDP will follow the state machine as it advances through a linked list of active descriptors. If the
link field of the current transmit descriptor is NULL (signifying the end of the list), TXDP will not advance,
but will remain on the current descriptor. Any subsequent writes to the TXE bit of the CR register will
cause the transmit state machine to reread the link field of the current descriptor to check for new
descriptors that may have been appended to the end of the list. Transmit descriptors must be aligned on
an even 32-bit boundary in host memory (A1-A0 must be 0).
1-0
unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com