Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W5F601-RJ-10 Datasheet(PDF) 2 Page - Superworld Electronics

Part # W5F601-RJ-10
Description  Common Mode Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

W5F601-RJ-10 Datasheet(HTML) 2 Page - Superworld Electronics

  W5F601-RJ-10 Datasheet HTML 1Page - Superworld Electronics W5F601-RJ-10 Datasheet HTML 2Page - Superworld Electronics W5F601-RJ-10 Datasheet HTML 3Page - Superworld Electronics W5F601-RJ-10 Datasheet HTML 4Page - Superworld Electronics W5F601-RJ-10 Datasheet HTML 5Page - Superworld Electronics W5F601-RJ-10 Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Common Mode Filter – W5F Series
NOTE: Specifications subject to change without notice. Please check our website for latest information.
Proprietary and Confidential
Document of Superworld
06/12/2017
P2
4. Material List:
(a) Core
(b) Wire
(c) Terminal
(d) Upper Plate
5. General Specification:
(a) Operating Temp. : -40°C to +125°C(Including self - temperature rise)
(b) Storage Temp. : -40°C to +125°C (on board)
(c) Humidity Range: 85 ± 2% RH
(d) Storage Condition (Component in its packaging)
i)
Temperature: Less than 40°C
ii)
Humidity : 60% RH
6. Electrical Characteristics:
Part Number
Common Mode
Impedance
(Ω) ±25%
Test
Frequency
(MHz)
DCR
(Ω)
Max.
Rated Current
(mA)
Max.
Rated Volt
(Vdc)
Max.
Withstand Volt
(Vdc)
Max.
IR
(Ω)
Min.
W5F900-RJ-10
90
100
0.05
1000
50
125
10M
W5F601-RJ-10
600
100
0.20
1000
50
125
10M
W5F102-RD-10
1000
100
0.30
400
50
125
10M



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com