Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83815DUJB Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83815DUJB
Description  10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83815DUJB Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button DP83815DUJB Datasheet HTML 17Page - National Semiconductor (TI) DP83815DUJB Datasheet HTML 18Page - National Semiconductor (TI) DP83815DUJB Datasheet HTML 19Page - National Semiconductor (TI) DP83815DUJB Datasheet HTML 20Page - National Semiconductor (TI) DP83815DUJB Datasheet HTML 21Page - National Semiconductor (TI) DP83815DUJB Datasheet HTML 22Page - National Semiconductor (TI) DP83815DUJB Datasheet HTML 23Page - National Semiconductor (TI) DP83815DUJB Datasheet HTML 24Page - National Semiconductor (TI) DP83815DUJB Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 108 page
background image
3.0 Functional Description (Continued)
21
www.national.com
Figure 3-6 100BASE-TX Transmit Block Diagram
3.9.1 Code-group Encoding and Injection
The code-group encoder converts 4-bit (4B) nibble data
generated by the MAC into 5-bit (5B) code-groups for
transmission. This conversion is required to allow control
data to be combined with packet data code-groups. Refer
to Table 3-1 for 4B to 5B code-group mapping details.
The code-group encoder substitutes the first 8-bits of the
MAC preamble with a J/K code-group pair (11000 10001)
upon transmission. The code-group encoder continues to
replace subsequent 4B preamble and data nibbles with
corresponding 5B code-groups. At the end of the transmit
packet, upon the de-assertion of Transmit Enable signal
from the MAC, the code-group encoder injects the T/R
code-group pair (01101 00111) indicating the end of frame.
After the T/R code-group pair, the code-group encoder
continuously injects IDLEs into the transmit data stream
until the next transmit packet is detected (re-assertion of
Transmit Enable).
3.9.2 Scrambler
The scrambler is required to control the radiated emissions
at the media connector and on the twisted pair cable (for
100BASE-TX applications). By scrambling the data, the
total energy
launched onto the cable is randomly
distributed over a wide frequency range. Without the
scrambler, energy levels at the PMD and on the cable
could peak beyond FCC limitations at frequencies related
to repeating 5B sequences (i.e., continuous transmission
of IDLEs).
The scrambler is configured as a closed loop linear
feedback shift register (LFSR) with an 11-bit polynomial.
The output of the closed loop LFSR is X-ORd with the
serial NRZ data from the code-group encoder. The result is
a scrambled data stream with sufficient randomization to
decrease radiated emissions at certain frequencies by as
much as 20 dB.
FROM CGM
BP_4B5B
BP_SCR
4B5B CODE-
MUX
5B PARALLEL
SCRAMBLER
MUX
MUX
NRZ TO NRZI
BINARY
TD +/-
100BASE-TX
GROUP ENABLER
TXD(3:0)/TXER
TXCLK
TO SERIAL
ENCODER
TO MLT-3/
COMMON
DRIVER
LOOPBACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com