Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W7F801-RJ-10 Datasheet(PDF) 4 Page - Superworld Electronics

Part # W7F801-RJ-10
Description  Common Mode Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

W7F801-RJ-10 Datasheet(HTML) 4 Page - Superworld Electronics

  W7F801-RJ-10 Datasheet HTML 1Page - Superworld Electronics W7F801-RJ-10 Datasheet HTML 2Page - Superworld Electronics W7F801-RJ-10 Datasheet HTML 3Page - Superworld Electronics W7F801-RJ-10 Datasheet HTML 4Page - Superworld Electronics W7F801-RJ-10 Datasheet HTML 5Page - Superworld Electronics W7F801-RJ-10 Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Common Mode Filter – W7F Series
NOTE: Specifications subject to change without notice. Please check our website for latest information.
Proprietary and Confidential
Document of Superworld
06/12/2017
P4
8. Soldering:
Mildly activated rosin fluxes are preferred. Our terminations are suitable for all re-flow soldering systems. If
hand soldering cannot be avoided, the preferred technique is the utilization of hot air soldering tools.
8-1 Solder Re-flow
Recommended temperature profiles for re-flow soldering in Figure 1.
8-2 Soldering Iron (Figure 2)
Products attachment with soldering iron is discouraged due to the inherent process control limitations. In the
event that a soldering iron must be employed the following precautions are recommended.
Note :
a) Preheat circuit and products to 150°C.
b) 355°C tip temperature (Max.)
c) Never contact the ceramic with the iron tip
d) 1.0mm tip diameter (Max.)
e) Use a 20 watt soldering iron with tip diameter of 1.0mm
f) Limit soldering time to 4~5 sec.
Figure 2. : Iron Soldering time
1 times max
Figure 1. : Re-flow Soldering time
3 times max



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com