Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE7002-3 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE7002-3
Description  3 dB Fixed Attenuator, N Male to N Female Brass Nickel Body
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7002-3 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE7002-3 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7002-3 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7002-3 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE7002-3 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE7002-3 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
3 dB Fixed Attenuator, N Male to N Female Brass Nickel Body Rated to 1 Watt Up to 3 GHz from Pasternack Enterprises has
same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 3 dB Fixed Attenuator, N Male to N Female Brass Nickel Body Rated to 1 Watt Up to 3 GHz
PE7002-3
URL: http://www.pasternack.com/3db-fixed-n-female-n-male-1-watt-attenuator-pe7002-3-p.aspx
PE7002-3 REV 1.1
RF Fixed Attenuators Technical Data Sheet
PE7002-3
3 dB Fixed Attenuator, N Male to N Female Brass
Nickel Body Rated to 1 Watt Up to 3 GHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com