Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA14V2L Datasheet(PDF) 10 Page - STMicroelectronics

Part # ESDA14V2L
Description  Dual Transil??array for ESD protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA14V2L Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ESDA14V2L Datasheet HTML 3Page - STMicroelectronics ESDA14V2L Datasheet HTML 4Page - STMicroelectronics ESDA14V2L Datasheet HTML 5Page - STMicroelectronics ESDA14V2L Datasheet HTML 6Page - STMicroelectronics ESDA14V2L Datasheet HTML 7Page - STMicroelectronics ESDA14V2L Datasheet HTML 8Page - STMicroelectronics ESDA14V2L Datasheet HTML 9Page - STMicroelectronics ESDA14V2L Datasheet HTML 10Page - STMicroelectronics ESDA14V2L Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Ordering information
ESDAL
10/11
DocID7058 Rev 5
5
Ordering information
Figure 10: Ordering information scheme
Table 3: Ordering information
Order code
Marking(1)
Package
Weight
Base qty.
Delivery mode
ESDA5V3L
EL53
SOT23-3L
8.7 mg
3000
Tape and reel
ESDA6V1L
EL61
ESDA14V2L
EL15
ESDA25L
EL25
ESDA37L
EL37
9.8 mg
Notes:
(1)The marking can be rotated by multiples of 90° to differentiate assembly location.
6
Revision history
Table 4: Document revision history
Date
Revision
Changes
31-Jul-2012
4
First issue.
20-Jul-2017
5
Added ESDA37L package information.
ESDA
XXX L
ESD Array
Minimum breakdown voltage
Package
L=SOT23-3L



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com