Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5590 Datasheet(PDF) 20 Page - Analog Devices

Part # AD5590
Description  16 Input, 16 Output Analog I/O Port with Integrated Amplifiers
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5590 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD5590 Datasheet HTML 16Page - Analog Devices AD5590 Datasheet HTML 17Page - Analog Devices AD5590 Datasheet HTML 18Page - Analog Devices AD5590 Datasheet HTML 19Page - Analog Devices AD5590 Datasheet HTML 20Page - Analog Devices AD5590 Datasheet HTML 21Page - Analog Devices AD5590 Datasheet HTML 22Page - Analog Devices AD5590 Datasheet HTML 23Page - Analog Devices AD5590 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 45 page
background image
AD5590
Rev. A | Page 19 of 44
AMPLIFIER
DACVDD and ADCVDD = 5 V, VSY = 5 V, unless otherwise noted.
1800
0
INPUT OFFSET VOLTAGE (µV)
1600
1400
1200
1000
800
600
400
200
VSY = 5.5V
–0.5V < VCM < +5.5V
TA = 25°C
Figure 31. Amplifier Input Offset Voltage Distribution
40
0
0
10
TCVOS (µV/°C)
35
30
25
20
15
10
5
1
2
3
4
5
6
7
8
9
–40°C < TA < +125°C
VCM = 2.5V
Figure 32. Amplifier Input Offset Voltage Drift Distribution
2000
–2000
–0.5
5.5
INPUT COMMON-MODE VOLTAGE (V)
1500
1000
500
0
–500
–1000
–1500
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VSY = 5V
TA = 25°C
Figure 33. Amplifier Input Offset Voltage vs. Input Common-Mode Voltage
400
0
25
150
TEMPERATURE (°C)
350
300
250
200
150
100
50
50
75
100
125
VSY = 5V
Figure 34. Amplifier Input Bias Current vs. Temperature
50
0
–40
TEMPERATURE (°C)
40
30
20
10
–10
20
50
80
110
VSY = ±2.5V
Figure 35. Amplifier Supply Current vs. Temperature
1k
0.01
0.001
10
LOAD CURRENT (mA)
0.01
0.1
1
0.1
1
10
100
VSY = 5V
TA = 25ºC
SOURCE
VSY – VOH
SINK
VOL
Figure 36. Amplifier Output Saturation Voltage vs. Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com