Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5590BBC Datasheet(PDF) 39 Page - Analog Devices

Part # AD5590BBC
Description  16 Input, 16 Output Analog I/O Port with Integrated Amplifiers
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5590BBC Datasheet(HTML) 39 Page - Analog Devices

Back Button AD5590BBC Datasheet HTML 35Page - Analog Devices AD5590BBC Datasheet HTML 36Page - Analog Devices AD5590BBC Datasheet HTML 37Page - Analog Devices AD5590BBC Datasheet HTML 38Page - Analog Devices AD5590BBC Datasheet HTML 39Page - Analog Devices AD5590BBC Datasheet HTML 40Page - Analog Devices AD5590BBC Datasheet HTML 41Page - Analog Devices AD5590BBC Datasheet HTML 42Page - Analog Devices AD5590BBC Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
AD5590
Rev. A | Page 38 of 44
Table 23. ADC Channel Selection
ADD3
ADD2
ADD1
ADD0
Analog Input Channel
0
0
0
0
VIN0
0
0
0
1
VIN1
0
0
1
0
VIN2
0
0
1
1
VIN3
0
1
0
0
VIN4
0
1
0
1
VIN5
0
1
1
0
VIN6
0
1
1
1
VIN7
1
0
0
0
VIN8
1
0
0
1
VIN9
1
0
1
0
VIN10
1
0
1
1
VIN11
1
1
0
0
VIN12
1
1
0
1
VIN13
1
1
1
0
VIN14
1
1
1
1
VIN15
Table 24. ADC Power Mode Selection
PM1
PM0
Mode
1
1
Normal operation. In this mode, the ADC remains in full power mode regardless of the status of any of the logic inputs. This
mode allows the fastest possible throughput rate from the ADC.
1
0
Full shutdown. In this mode, the ADC is in full shut down mode, with all circuitry on the ADC powered down. The ADC
retains the information in the control register while in full shutdown. The ADC remains in full shutdown until these bits are
changed in the control register.
0
1
Autoshutdown. In this mode, the ADC automatically enters shutdown mode at the end of each conversion when the control
register is updated. Wake-up time from shutdown is 1 µs and the user should ensure that 1 µs has elapsed before attempting
to perform a valid conversion on the ADC in this mode.
0
0
Autostandby. In this standby mode, portions of the ADC are powered down, but the on-chip bias generator remains
powered up. This mode is similar to autoshutdown and allows the ADC to power up within one dummy cycle, that is, 1 µs
with a 20 MHz ASCLK.
ADC Sequencer Operation
The configuration of the SEQ and shadow bits in the control register allows the user to select a particular mode of operation of the
sequencer function. Table 25 outlines the four modes of operation of the sequencer.
Table 25. ADC Sequence Selection
SEQ
Shadow
Sequence Type
0
0
This configuration means the sequence function is not used. The analog input channel selected for each individual
conversion is determined by the contents of the channel address bits, ADD0 to ADD3, in each prior write operation. This
mode of operation reflects the normal operation of a multichannel ADC, without sequencer function being used, where
each write to the ADC selects the next channel for conversion (see Figure 69).
0
1
This configuration selects the shadow register for programming. After the write to the control register, the following
write operation loads the contents of the shadow register. This programs the sequence of channels to be converted on
continuously with each successive valid ASYNC falling edge (see the shadow register, Table 26, and Figure 70). The
channels selected need not be consecutive.
1
0
If the SEQ and shadow bits are set in this way, the sequence function is not interrupted upon completion of the write
operation. This allows other bits in the control register to be altered while in a sequence without terminating the cycle.
1
1
This configuration is used in conjunction with the channel address bits, ADD3 to ADD0, to program continuous
conversions on a consecutive sequence of channels from Channel 0 through to a selected final channel, as determined
by the channel address bits in the control register (see Figure 71).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com