Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5590BBCZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD5590BBCZ
Description  16 Input, 16 Output Analog I/O Port with Integrated Amplifiers
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5590BBCZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5590BBCZ Datasheet HTML 11Page - Analog Devices AD5590BBCZ Datasheet HTML 12Page - Analog Devices AD5590BBCZ Datasheet HTML 13Page - Analog Devices AD5590BBCZ Datasheet HTML 14Page - Analog Devices AD5590BBCZ Datasheet HTML 15Page - Analog Devices AD5590BBCZ Datasheet HTML 16Page - Analog Devices AD5590BBCZ Datasheet HTML 17Page - Analog Devices AD5590BBCZ Datasheet HTML 18Page - Analog Devices AD5590BBCZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 45 page
background image
AD5590
Rev. A | Page 14 of 44
TYPICAL PERFORMANCE CHARACTERISTICS
DAC
DACVDD and ADCVDD = 5 V, VSY = 5 V, unless otherwise noted.
CODE
1.0
–1.0
0
500
1000
1500
2000
2500
3000
3500
4000
–0.8
–0.6
–0.4
0
0.4
0.2
–0.2
0.6
0.8
DACVDD = VREF = 5V
TA = 25°C
Figure 6. DAC INL, External Reference
0.20
0.10
0.05
0.15
0
–0.05
–0.10
–0.20
–0.15
CODE
0
500
1000
1500
2000
2500
3000
3500
4000
DACVDD = VREF = 5V
TA = 25°C
Figure 7. DAC DNL, External Reference
CODE
1.0
0.8
0
–1.0
–0.8
–0.6
0.6
–0.4
–0.2
0.4
0.2
0
1000
500
2000
1500
3500
3000
2500
4000
DACVDD = 5V
VREFOUT = 2.5V
TA = 25°C
Figure 8. DAC INL, Internal Reference
CODE
0.20
0.15
0
–0.20
–0.15
–0.10
0.10
–0.05
0.05
0
1000
500
2000
1500
3500
3000
2500
4000
DACVDD = 5V
VREFOUT = 2.5V
TA = 25°C
Figure 9. DAC DNL, Internal Reference
TEMPERATURE (
°C)
0
–0.04
–0.02
–0.06
–0.08
–0.10
–0.18
–0.16
–0.14
–0.12
–0.20
–40
–20
40
20
0
100
80
60
DACVDD = 5V
GAIN ERROR
FULL-SCALE ERROR
Figure 10. DAC Gain Error and Full-Scale Error vs. Temperature
TEMPERATURE (
°C)
1.5
1.0
0.5
0
–2.0
–1.5
–1.0
–0.5
–2.5
–40
–20
40
20
0
80
60
100
OFFSET ERROR
ZERO-SCALE ERROR
Figure 11. DAC Zero-Scale Error and Offset Error vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com