Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAS1000 Datasheet(PDF) 21 Page - Analog Devices

Part # ADAS1000
Description  Low Power, Five Electrode Electrocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADAS1000 Datasheet HTML 17Page - Analog Devices ADAS1000 Datasheet HTML 18Page - Analog Devices ADAS1000 Datasheet HTML 19Page - Analog Devices ADAS1000 Datasheet HTML 20Page - Analog Devices ADAS1000 Datasheet HTML 21Page - Analog Devices ADAS1000 Datasheet HTML 22Page - Analog Devices ADAS1000 Datasheet HTML 23Page - Analog Devices ADAS1000 Datasheet HTML 24Page - Analog Devices ADAS1000 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 80 page
background image
Data Sheet
ADAS1000/ADAS1000-1/ADAS1000-2
Figure 30. VCM_REF vs. Temperature
Figure 31. Typical AVDD Supply Current vs. Temperature, Using Internal
ADVCDD/DVDD Supplies
Figure 32. Typical AVDD Supply Current vs. Temperature, Using Externally
Supplied ADVCDD/DVDD
Figure 33. Typical AVDD Supply Current vs. Temperature in Standby Mode
Figure 34. Typical AVDD Supply Current vs. AVDD Supply Voltage
Figure 35. Respiration with 200 mΩ Impedance Variation, Using Internal
Respiration Paths and Measured with a 0 Ω Patient Cable
TEMPERATURE (°C)
1.2970
1.2975
1.2980
1.2985
1.2990
1.2995
1.3000
1.3005
1.3010
–40
–20
0
20
40
60
80
AVDD = 3.3V
TEMPERATURE (°C)
12.20
12.25
12.30
12.35
12.40
12.45
12.50
–40
–20
0
20
40
60
80
AVDD = 3.3V
5 ECG CHANNELS ENABLED
INTERNAL LDO UTILIZED
HIGH PERFORMANCE/LOW NOISE MODE
TEMPERATURE (°C)
3.395
3.400
3.405
3.410
3.415
3.420
3.425
3.430
–40
–20
0
20
40
60
80
AVDD = 3.3V
5 ECG CHANNELS ENABLED
ADCVDD AND DVDD SUPPLIED EXTERNALLY
HIGH PERFORMANCE/LOW NOISE MODE
765
770
775
780
785
790
795
800
805
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
AVDD = 3.3V
12.35
12.40
12.45
12.50
12.55
12.60
12.65
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VOLTAGE (V)
LOW NOISE/HIGH
PERFORMANCE MODE
0.142925
0
5
10
15
20
25
30
0.142930
0.142935
0.142940
0.142945
0.142950
0.142955
TIME (Seconds)
AVDD = 3.3V
ECG PATH/DEFIB/CABLE IMPEDANCE = 0
Ω
PATIENT IMPEDANCE = 1k
Ω
RESPIRATION RATE = 10RESPPM
RESPAMP = 11 = 60µA p-p
RESPGAIN = 0011 = 4
Rev. B | Page 21 of 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com