Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4100NU Datasheet(PDF) 1 Page - ebm-papst

Part # 4100NU
Description  DC axial fans
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

4100NU Datasheet(HTML) 1 Page - ebm-papst

  4100NU Datasheet HTML 1Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
IP68
RA TING
Curves
DC axial fans
Series 4100 NU 119 x 119 x 38 mm
Highlights:
– Motor protection against reverse polarity and locking.
– Air intake over struts
– Connection via 310 mm strands AWG 22, TR 64, bared and tin-plated
– Ingress protection rating of IP68
Material: Housing: Die-cast aluminum
Impeller: Fiberglass-reinforced PA composite
Direction of rotation: Clockwise, seen on rotor
Nominal Data
Type
CFM
VDC
VDC
dB(A)
Bel(A)
Watts
RPM
oC
g
4114 NU
106.0
24
12...29
48.5
5.7
Yes
5.6
3200
-20...75
400
IP68
Yes
1
4114 NHU-295
140.0
24
16...30
57.0
6.5
Yes
11.0
4400
-20...55
400
IP68
Yes
2
4114 N/2HU-272*
140.0
24
12...25
57.0
6.5
Yes
11.0
4400
-20...55
400
IP68
Yes
2
4118 NHU-294
140.0
48
36...56
56.0
6.0
Yes
11.0
4400
-20...55
400
IP68
Yes
2
4114 NXHHU
153.0
24
12...28
60.0
7.0
Yes
13.6
4900
-20...55
400
IP68
Yes
3
4118 N/2H4PU
206.0
48
36...60
67.0
7.0
Yes
34.0
6800
-20...65
400
IP68
Yes
4
1.50 (38
±0.4)
4.13 (104.8
±0.2)
4.69 (119
±0.3)
0.17 (4.3±0.15)
0.17(4.3)
Ø4.92 (125)
0.24 (6)
0.24 (6)
*4114 N/2HU-272 has AWG 20 lead wires
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
0
50
100
150
200
250
[CFM]
1
2
3
4
14


Similar Part No. - 4100NU

ManufacturerPart #DatasheetDescription
logo
ebm-papst
4100N EBMPAPST-4100N Datasheet
375Kb / 3P
DC axial fans
4100N EBMPAPST-4100N Datasheet
704Kb / 3P
DC axial fans
4100N EBMPAPST-4100N Datasheet
505Kb / 3P
DC axial fans
4100N EBMPAPST-4100N Datasheet
345Kb / 3P
DC axial fans
4100N EBMPAPST-4100N Datasheet
430Kb / 3P
DC axial fans
More results

Similar Description - 4100NU

ManufacturerPart #DatasheetDescription
logo
ETRI
158DL5LP11000 ETRI-158DL5LP11000 Datasheet
220Kb / 1P
DC Axial Fans
230DL1LP11000 ETRI-230DL1LP11000 Datasheet
211Kb / 1P
DC Axial Fans
246DS1LP11000 ETRI-246DS1LP11000 Datasheet
183Kb / 1P
DC Axial Fans
260DL5LP11000 ETRI-260DL5LP11000 Datasheet
203Kb / 1P
DC Axial Fans
281DL1LP11000B ETRI-281DL1LP11000B Datasheet
159Kb / 1P
DC Axial Fans
282DL1LP11000 ETRI-282DL1LP11000 Datasheet
213Kb / 1P
DC Axial Fans
291DL5LP11000 ETRI-291DL5LP11000 Datasheet
212Kb / 1P
DC Axial Fans
299DL1LP11000 ETRI-299DL1LP11000 Datasheet
184Kb / 1P
DC Axial Fans
352DS1LM11000 ETRI-352DS1LM11000 Datasheet
190Kb / 1P
DC Axial Fans
logo
List of Unclassifed Man...
F1238S-H ETC2-F1238S-H Datasheet
350Kb / 1P
DC AXIAL FANS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com