Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C15821 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C15821
Description  Winnie Assembly
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C15821 Datasheet(HTML) 1 Page - Ledil, Inc.

  C15821 Datasheet HTML 1Page - Ledil, Inc. C15821 Datasheet HTML 2Page - Ledil, Inc. C15821 Datasheet HTML 3Page - Ledil, Inc. C15821 Datasheet HTML 4Page - Ledil, Inc. C15821 Datasheet HTML 5Page - Ledil, Inc. C15821 Datasheet HTML 6Page - Ledil, Inc. C15821 Datasheet HTML 7Page - Ledil, Inc. C15821 Datasheet HTML 8Page - Ledil, Inc. C15821 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
PRODUCT DATASHEET
Winnie series
last update 19/1/2018
DETAILS
Product Number
CN15825_WINNIE-W-C
Family
Winnie
Type
Assembly
Color
black
Diameter
mm
Height
19,5 mm
Style
Optic Material
PMMA
Holder Material
Fastening
Status
production ready
ROHS Compliant
Yes
Date Updated
19/01/2018
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
V6 Gen6
53 deg
Wide
83 %
0.940
LEDiL: F15253_HEKLA-SOCKET-A
Vesta TW 9mm (12W)
38 deg
Wide
78 %
1.400
LEDiL: C16142_HEKLA-SOCKET-K
CLL02x/CLU02x (LES10)
48 deg
Wide
79 %
1.000
LEDiL: F15255_HEKLA-SOCKET-C
CLC030 Series (Dim-To-Warm)
43 deg
Wide
70 %
1.000
LEDiL: C16142_HEKLA-SOCKET-K
CLC020 Series (Dim-To-Warm)
41 deg
Wide
79 %
1.300
LEDiL: C16142_HEKLA-SOCKET-K
CXA/B 13xx
52 deg
Wide
83 %
1.000
LEDiL: F15956_HEKLA-SOCKET-J
LUXEON CoB 1202s
48 deg
Wide
83 %
1.100
LEDiL: F15848_HEKLA-SOCKET-G
LC020C
48 deg
Wide
82 %
1.000
LEDiL: F15848_HEKLA-SOCKET-G
LC010C
49 deg
Wide
82 %
1.000
LEDiL: F15848_HEKLA-SOCKET-G
COB D Series LES 9.8 mm
48 deg
Wide
81 %
1.000
LEDiL: F15255_HEKLA-SOCKET-C
COB D Series LES 14.5 mm
49 deg
Wide
77 %
0.950
LEDiL: F15859_HEKLA-SOCKET-I
SLE G6 LES15
sim: 47
Wide
sim: 82 % sim: 1.100 LEDiL: F15859_HEKLA-SOCKET-I
February 5th 2018 3:13 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - C15821

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C15821 LEDIL-C15821 Datasheet
1Mb / 25P
Winnie Assembly
C15821 LEDIL-C15821 Datasheet
1Mb / 25P
Winnie Assembly
C15821 LEDIL-C15821 Datasheet
1Mb / 25P
Winnie Assembly
More results

Similar Description - C15821

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
SIP5 LSI-SIP5 Datasheet
37Kb / 2P
LSI Assembly
logo
Rohm
HQFN36V ROHM-HQFN36V Datasheet
38Kb / 2P
LSI Assembly
QFP32 ROHM-QFP32 Datasheet
38Kb / 2P
LSI Assembly
logo
Cree, Inc
CN14236 CREE-CN14236 Datasheet
4Mb / 89P
Winnie series
CN14237 CREE-CN14237 Datasheet
3Mb / 76P
Winnie series
CN14238 CREE-CN14238 Datasheet
3Mb / 72P
Winnie series
CN14811 CREE-CN14811 Datasheet
4Mb / 62P
Winnie series
logo
Ledil, Inc.
CN15822 LEDIL-CN15822 Datasheet
1Mb / 25P
Winnie Assembly
CN15824 LEDIL-CN15824 Datasheet
1Mb / 25P
Winnie Assembly
CN15826 LEDIL-CN15826 Datasheet
1Mb / 25P
Winnie Assembly
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com