Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C16192 Datasheet(PDF) 2 Page - Ledil, Inc.

Part # C16192
Description  Gabriella Assembly
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C16192 Datasheet(HTML) 2 Page - Ledil, Inc.

  C16192 Datasheet HTML 1Page - Ledil, Inc. C16192 Datasheet HTML 2Page - Ledil, Inc. C16192 Datasheet HTML 3Page - Ledil, Inc. C16192 Datasheet HTML 4Page - Ledil, Inc. C16192 Datasheet HTML 5Page - Ledil, Inc. C16192 Datasheet HTML 6Page - Ledil, Inc. C16192 Datasheet HTML 7Page - Ledil, Inc. C16192 Datasheet HTML 8Page - Ledil, Inc. C16192 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
A
H
B
G
3
2
4
1
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures:
Up to 30mm class
M, otherwise class C.
According to DIN ISO 2768-2
Form and position: class L
INDEX
PRODUCT
TYPE
MATERIAL
COLOUR/COATING
1
C16193_GABRIELLA-MIDI-S
LENS
PMMA
CLEAR
2
C16192_GABRIELLA-MIDI-HLD
HOLDER
PC
BLACK
3
C16306_GABRIELLA-MIDI-TAPE
TAPE
PU
BLACK
SCALE
1:1
SHEET
1/4
SIZE
A3
PRODUCT
FIRST ANGLE PROJECTION:
This drawing is the property
of LEDiL Oy. It may not be
reproduced, copied or
communicated without a written
agreement with LEDiL Oy.
PCB or Heat Sink level
Led location see marking.
Ensure LED fitting, see our web site and/or 3D model for part detail.
See more information on page 2,3,4
Optional parts can be shown in drawing.
MECHANICAL DRAWING
GABRIELLA-MIDI
COMPONENTS
Notes
1
2
3
CA16202_GABRIELLA-MIDI-S
Z
X
Y
Light pattern direction
Front view
Scale:
1:1
21.52
c/c
13.6
c/c
Bottom view
Scale:
1:1
37.8
Top view
Scale:
1:1
A
A
7.4
Section view A-A
Scale:
1:1
Lens position pin (x2)
Holder posiotion pin (x2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com