Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCN14698 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FCN14698
Description  Barbara RefPack
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FCN14698 Datasheet(HTML) 1 Page - Ledil, Inc.

  FCN14698 Datasheet HTML 1Page - Ledil, Inc. FCN14698 Datasheet HTML 2Page - Ledil, Inc. FCN14698 Datasheet HTML 3Page - Ledil, Inc. FCN14698 Datasheet HTML 4Page - Ledil, Inc. FCN14698 Datasheet HTML 5Page - Ledil, Inc. FCN14698 Datasheet HTML 6Page - Ledil, Inc. FCN14698 Datasheet HTML 7Page - Ledil, Inc. FCN14698 Datasheet HTML 8Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PRODUCT DATASHEET
Barbara series
last update 19/1/2018
DETAILS
Product Number
FCN14698_BARBARA-WW-PF-XTM
Family
Barbara
Type
RefPack
Color
metal
Diameter
70 mm
Height
48,2 mm
Style
round
Optic Material
Holder Material
Fastening
Status
production ready
ROHS Compliant
Yes
Date Updated
19/01/2018
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XTM - 9mm LES
42 deg
Very Wide
87 %
1.700
LEDiL: LEDiL
XTM - 19mm LES
55 deg
Very Wide
84 %
1.100
LEDiL: LEDiL
January 31st 2018 10:14 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - FCN14698

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FCN14690 CREE-FCN14690 Datasheet
2Mb / 39P
ANGELA series
logo
Ledil, Inc.
FCN14696 LEDIL-FCN14696 Datasheet
522Kb / 8P
Barbara RefPack
FCN14697 LEDIL-FCN14697 Datasheet
537Kb / 8P
Barbara RefPack
FCN14699 LEDIL-FCN14699 Datasheet
514Kb / 8P
Barbara RefPack
More results

Similar Description - FCN14698

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CN14182 LEDIL-CN14182 Datasheet
422Kb / 5P
Mirella RefPack
FCN14696 LEDIL-FCN14696 Datasheet
522Kb / 8P
Barbara RefPack
FCN14697 LEDIL-FCN14697 Datasheet
537Kb / 8P
Barbara RefPack
FCN14699 LEDIL-FCN14699 Datasheet
514Kb / 8P
Barbara RefPack
FN14838 LEDIL-FN14838 Datasheet
1Mb / 27P
Brooke RefPack
FC13992 LEDIL-FC13992 Datasheet
1Mb / 20P
Angela RefPack
FC13993 LEDIL-FC13993 Datasheet
1Mb / 20P
Angela RefPack
FN15270 LEDIL-FN15270 Datasheet
2Mb / 41P
Angelette RefPack
FN15272 LEDIL-FN15272 Datasheet
1Mb / 23P
Angelette RefPack
FC13973 LEDIL-FC13973 Datasheet
1Mb / 23P
Angelina RefPack
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com