Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN14836 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FN14836
Description  Brooke RefPack
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FN14836 Datasheet(HTML) 1 Page - Ledil, Inc.

  FN14836 Datasheet HTML 1Page - Ledil, Inc. FN14836 Datasheet HTML 2Page - Ledil, Inc. FN14836 Datasheet HTML 3Page - Ledil, Inc. FN14836 Datasheet HTML 4Page - Ledil, Inc. FN14836 Datasheet HTML 5Page - Ledil, Inc. FN14836 Datasheet HTML 6Page - Ledil, Inc. FN14836 Datasheet HTML 7Page - Ledil, Inc. FN14836 Datasheet HTML 8Page - Ledil, Inc. FN14836 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
PRODUCT DATASHEET
Brooke series
last update 23/1/2018
DETAILS
Product Number
FN14836_BROOKE-G2-S-RZ
Family
Brooke
Type
RefPack
Color
metal
Diameter
45 mm
Height
21,7 mm
Style
round
Optic Material
PC
Holder Material
Fastening
socket
Status
production ready
ROHS Compliant
Yes
Date Updated
23/01/2018
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
V10 Gen7
22 deg
Spot
88 %
2.700
LEDiL: F15255_HEKLA-SOCKET-C
VERO10
21 deg
Spot
92 %
2.900
LEDiL: F15616_HEKLA-SOCKET-F
Vesta DTW 9mm (6W/12W)
22 deg
Spot
87 %
2.700
Bender Wirth: 490 Typ L8
Vesta DTW 15mm (33W)
33 deg
Spot
84 %
1.500
Bender Wirth: 491 Typ L8
CLC030 Series (Dim-To-Warm)
30 deg
Spot
83 %
1.600
LEDiL: C16142_HEKLA-SOCKET-K
LCN-C01B (Tunable White)
25 deg
Spot
86 %
2.200
LEDiL: C16142_HEKLA-SOCKET-K
CLC020 Series (Dim-To-Warm)
26 deg
Spot
84 %
2.000
LEDiL: C16142_HEKLA-SOCKET-K
LCN-C02B (Tunable White)
32 deg
Spot
84 %
1.600
LEDiL: C16142_HEKLA-SOCKET-K
COB D Series LES 9.8 mm
22 deg
Spot
90 %
2.800
LEDiL: F15255_HEKLA-SOCKET-C
SLE G1 15mm 2000lm 927 Sunset R EXC
36 deg
Spot
86 %
1.400
LEDiL: F15859_HEKLA-SOCKET-I
SLE G1 11mm 1000lm 927 Sunset R EXC
27 deg
Spot
87 %
1.900
LEDiL: F15859_HEKLA-SOCKET-I
February 5th 2018 3:12 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - FN14836

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FN14838 LEDIL-FN14838 Datasheet
1Mb / 27P
Brooke RefPack
More results

Similar Description - FN14836

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C12083 CREE-C12083 Datasheet
415Kb / 5P
Brooke series
CN12351 CREE-CN12351 Datasheet
283Kb / 4P
Brooke series
logo
Ledil, Inc.
C12119 LEDIL-C12119 Datasheet
253Kb / 4P
Brooke Reflector
FCN14697 LEDIL-FCN14697 Datasheet
537Kb / 8P
Barbara RefPack
FN14838 LEDIL-FN14838 Datasheet
1Mb / 27P
Brooke RefPack
FC13993 LEDIL-FC13993 Datasheet
1Mb / 20P
Angela RefPack
FN14883 LEDIL-FN14883 Datasheet
1Mb / 27P
Brooke RefPack
FN15270 LEDIL-FN15270 Datasheet
2Mb / 41P
Angelette RefPack
FN15272 LEDIL-FN15272 Datasheet
1Mb / 23P
Angelette RefPack
FC13973 LEDIL-FC13973 Datasheet
1Mb / 23P
Angelina RefPack
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com