Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP15501 Datasheet(PDF) 2 Page - Ledil, Inc.

Part # FP15501
Description  Konntakt Base part
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FP15501 Datasheet(HTML) 2 Page - Ledil, Inc.

  FP15501 Datasheet HTML 1Page - Ledil, Inc. FP15501 Datasheet HTML 2Page - Ledil, Inc. FP15501 Datasheet HTML 3Page - Ledil, Inc. FP15501 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1
FPXXXXX_HEKLA-PIC-X
CONTACT SPRING
ASSEMBLY
PBT+BeCu
White+gold
2
See code table
SOCKET
PBT
White
3
See code table
CONNECTOR
PBT+BeCu
White+gold
A
H
B
G
3
2
4
1
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures:
Up to 30mm class
M, otherwise class C.
According to DIN ISO 2768-2
Form and position: class L
INDEX
PRODUCT
TYPE
MATERIAL
COLOUR/COATING
SCALE
2:1
SHEET
1/2
SIZE
A3
PRODUCT
FIRST ANGLE PROJECTION:
This drawing is the property
of LEDiL Oy. It may not be
reproduced, copied or
communicated without a written
agreement with LEDiL Oy.
PCB or Heat Sink level
Led location
Ensure LED fitting, see our web site and/or 3D model for part detail.
MECHANICAL DRAWING
HEKLA-family
COMPONENTS
Notes
FP15490_HEKLA-A
12,5X12,5
9,0
FP15500_HEKLA-B
17,85X17,85
14,2
FP15501_HEKLA-C
13,5X13,5
11,6
FP15502_HEKLA-D
15,85X15,85
10,7
FP15503_HEKLA-E
15,8X15,8
14,3
FP15947_HEKLA-G
12X15
10
FP15948_HEKLA-H
16X19
14
FP15949_HEKLA-I
19X19
17
FP15957_HEKLA-J
13,35X13,35
7,5
HEKLA CONNECTOR
COB SIZE[mm]
LES MAX.[mm]
Code table
F15253_HEKLA-SOCKET-A
F15254_HEKLA-SOCKET-B
F15255_HEKLA-SOCKET-C
F15256_HEKLA-SOCKET-D
F14988_HEKLA-SOCKET-E
F15848_HEKLA-SOCKET-G
F15858_HEKLA-SOCKET-H
F15859_HEKLA-SOCKET-I
F15956_HEKLA-SOCKET-J
F15616_HEKLA-SOCKET-F
HEKLA-SOCKET
5.5
44
35
3.4
1
1
2
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com