Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL8PR22 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GL8PR22
Description  LED LAMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL8PR22 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GL8PR22 Datasheet HTML 1Page - List of Unclassifed Manufacturers GL8PR22 Datasheet HTML 2Page - List of Unclassifed Manufacturers GL8PR22 Datasheet HTML 3Page - List of Unclassifed Manufacturers GL8PR22 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
68
(Notice)
¡In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
(Internet) ¡Data for sharp's optoelectronic/power device is provided for internet.(Address http://www.sharp.co.jp/ecg/)
GL8tt22 series
(Unit : mm)
LED Lamp
GL8tt22 series
s Outline Dimensions
Colored diffusion
5.0
0.5
±0.1
2.54NOM
1
2
Pin connections
1 Anode
2 Cathode
Unspecified tolerance:
±0.2
DC
Pulse
GL8PR22
GL8HD22
GL8HS22
GL8HY22
GL8EG22
GL8KG22
GaP
GaAsP on GaP
GaAsP on GaP
GaAsP on GaP
GaP
GaP
23
84
84
84
50
84
10
30
30
30
30
30
0.13
0.40
0.40
0.40
0.40
0.40
0.67
0.67
0.67
0.67
0.67
0.67
260
260
260
260
260
260
50
50
50
50
50
50
5
5
5
5
5
5
Model No. Radiation color Radiation material
Power dissipation
P
(mW)
Forward current
IF
(mA)
Derating factor
(mA/˚C)
Peak forward current
IFM*1
(mA)
Operating temperature
Topr
(˚C)
Storage temperature
Tstg
(˚C)
Soldering temperature
Tsol*2
(˚C)
Reverse voltage
VR
(V)
(Ta=25˚C)
Red
Red
Sunset orange
Yellow
Yellow-green
Green
-25 to +85
-25 to +85
-25 to +100
-25 to +100
-25 to +85
-25 to +85
-25 to +100
-25 to +100
-25 to +85
-25 to +85
-25 to +100
-25 to +100
*1 Duty ratio=1/10, Pulse width=0.1ms
*2 5s or less(At the position of 1.6mm or more from the bottom face of resin package)
s Absolute Maximum Ratings
GL8PR22
GL8HD22
GL8HS22
GL8HY22
GL8EG22
GL8KG22
TYP
MAX
1.9
2.0
2.0
2.0
2.1
2.1
2.3
2.8
2.8
2.8
2.8
2.8
695
635
610
585
565
555
5
20
20
10
20
20
5
20
20
10
20
20
5
20
20
20
20
20
10
10
10
10
10
10
4
4
4
4
4
4
55
20
15
35
35
40
1
1
1
1
1
1
→
→
→
→
→
→
100
35
35
30
30
25
1.2
8.0
5.0
5.0
6.0
3.5
Model No.
Lens type
Forward voltage
VF(V)
λp(nm)
TYP
IV(mcd)
TYP
IF
(mA)
IF
(mA)
IF
(mA)
(MHZ)
VR
(V)
IR(
µA)
MAX
Ct(pF)
TYP
∆λ(nm)
TYP
Peak emission wavelength
Luminous intensity
Spectrum radiation bandwidth
Reverse current
Page for
characteristics
diagrams
Terminal capacitance
(Ta=25˚C)
Colored
diffusion
s Electro-optical Characteristics
5.0!5.0mm, Square Type, Colored
Diffusion LED Lamps for
Indicator


Similar Part No. - GL8PR22

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GL8PR22 SHARP-GL8PR22 Datasheet
78Kb / 4P
5.0X5.0mm, Square Type, Colored Diffusion LED Lamps for Indicator
logo
List of Unclassifed Man...
GL8PR22 ETC1-GL8PR22 Datasheet
1Mb / 11P
HIGH-LUMINOSITY LED LAMP
More results

Similar Description - GL8PR22

ManufacturerPart #DatasheetDescription
logo
AUK corp
SG3317 AUK-SG3317_1 Datasheet
181Kb / 4P
LED Lamp
logo
BRIGHT LED ELECTRONICS ...
BL-B3434 BRIGHT-BL-B3434 Datasheet
281Kb / 5P
LED LAMP
logo
EPIGAP optoelectronic G...
ELD-525-524 EPIGAP-ELD-525-524 Datasheet
93Kb / 1P
LED - Lamp
ELD-625-323 EPIGAP-ELD-625-323 Datasheet
93Kb / 1P
LED - Lamp
ELD-720-324 EPIGAP-ELD-720-324 Datasheet
93Kb / 1P
LED - Lamp
ELD-760-524 EPIGAP-ELD-760-524 Datasheet
95Kb / 1P
LED - Lamp
ELD-810-344 EPIGAP-ELD-810-344 Datasheet
100Kb / 2P
LED - Lamp
ELD-840-325 EPIGAP-ELD-840-325 Datasheet
195Kb / 3P
LED - Lamp
ELD-880-015 EPIGAP-ELD-880-015 Datasheet
168Kb / 3P
LED - Lamp
ELD-880-525-3 EPIGAP-ELD-880-525-3 Datasheet
95Kb / 1P
LED - Lamp
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com