Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE3C1015 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE3C1015
Description  SMA Male to SMA Male Cable Using Tinned RG402 Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C1015 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3C1015 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C1015 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C1015 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C1015 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Shield Layer 1
Tinned Copper
Connectors
Description
Connector 1
Connector 2
Type
SMA Male
SMA Male
Specification
MIL-STD-348A
MIL-STD-348A
Impedance
50 Ohms
50 Ohms
Contact Material and Plating
Brass, Gold
Brass, Gold
Contact Plating Specification
50µ in. minimum
50µ in. minimum
Dielectric Type
Teflon
Teflon
Coupling Nut Material and Plating
Brass, Nickel
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
100µ in. minimum
Hex Size
5/16 in
5/16 in
Torque
5 in-lbs [0.57 Nm]
5 in-lbs [0.57 Nm]
Body Material and Plating
Stainless Steel, Gold
Stainless Steel, Gold
Body Plating Specification
10µ in. minimum
10µ in. minimum
.
Environmental Specifications
Temperature
Operating Range
-55 to +125 deg C
Compliance Certifications (visit www.Pasternack.com for current document)
For RoHS Compliant version, use PE3c1015LF. Contact Pasternack if product cannot be found.
REACH Compliant
01/01/1753
Plotted and Other Data
Notes:
• Values at 25°C, sea level.
PE3C1015 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to SMA Male Cable Using Tinned RG402 Coax PE3C1015
RF Cable Assemblies Technical Data Sheet
PE3C1015
SMA Male to SMA Male Cable Using Tinned RG402 Coax



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com