Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4023B Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4023B
Description  TRIPLE 3 INPUT NAND GATE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4023B Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4023B Datasheet HTML 1Page - STMicroelectronics HCF4023B Datasheet HTML 2Page - STMicroelectronics HCF4023B Datasheet HTML 3Page - STMicroelectronics HCF4023B Datasheet HTML 4Page - STMicroelectronics HCF4023B Datasheet HTML 5Page - STMicroelectronics HCF4023B Datasheet HTML 6Page - STMicroelectronics HCF4023B Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
September 2001
s
PROPAGATION DELAY TIME :
tPD = 60ns (Typ.) at VDD = 10V
s
BUFFERED INPUTS AND OUTPUTS
s
STANDARDIZED SYMMETRICAL OUTPUT
CHARACTERISTICS
s
QUIESCENT CURRENT SPECIFIED UP TO
20V
s
5V, 10V AND 15V PARAMETRIC RATINGS
s
INPUT LEAKAGE CURRENT
II = 100nA (MAX) AT VDD = 18V TA = 25°C
s
100% TESTED FOR QUIESCENT CURRENT
s
MEETS ALL REQUIREMENTS OF JEDEC
JESD13B " STANDARD SPECIFICATIONS
FOR DESCRIPTION OF B SERIES CMOS
DEVICES"
DESCRIPTION
The HCF4023B is a monolithic integrated circuit
fabricated
in
Metal
Oxide
Semiconductor
technology available in DIP and SOP packages.
The HCF4023B TRIPLE 3 INPUT NAND GATE
provides
the
system
designer
with
direct
implementation
of
the
NAND
function
and
supplement the existing family of CMOS gates. All
inputs and outputs are buffered.
HCF4023B
TRIPLE 3 INPUT NAND GATE
PIN CONNECTION
ORDER CODES
PACKAGE
TUBE
T & R
DIP
HCF4023BEY
SOP
HCF4023BM1
HCF4023M013TR
DIP
SOP


Similar Part No. - HCF4023B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF40208 STMICROELECTRONICS-HCF40208 Datasheet
290Kb / 13P
4 x 4 MULTIPORT REGISTER
Jun-1989
HCF40208B STMICROELECTRONICS-HCF40208B Datasheet
290Kb / 13P
4 x 4 MULTIPORT REGISTER
Jun-1989
HCF40208BEY STMICROELECTRONICS-HCF40208BEY Datasheet
290Kb / 13P
4 x 4 MULTIPORT REGISTER
Jun-1989
HCF40208BM1 STMICROELECTRONICS-HCF40208BM1 Datasheet
290Kb / 13P
4 x 4 MULTIPORT REGISTER
Jun-1989
HCF4020B STMICROELECTRONICS-HCF4020B Datasheet
267Kb / 11P
RIPPLE-CARRY BINARY COUNTER/DIVIDERS
Mar-1989
More results

Similar Description - HCF4023B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F10DM NSC-54F10DM Datasheet
140Kb / 6P
Triple 3-Input NAND Gate
logo
NXP Semiconductors
74F10 PHILIPS-74F10 Datasheet
72Kb / 8P
Triple 3-input NAND gate
1989 Sep 20
logo
STMicroelectronics
M54HC10 STMICROELECTRONICS-M54HC10 Datasheet
232Kb / 9P
TRIPLE 3-INPUT NAND GATE
Dec-1992
logo
Texas Instruments
CD74AC10 TI-CD74AC10 Datasheet
29Kb / 5P
Triple 3-Input NAND Gate
logo
Fairchild Semiconductor
74AC10 FAIRCHILD-74AC10 Datasheet
84Kb / 7P
Triple 3-Input NAND Gate
DM74AS10 FAIRCHILD-DM74AS10 Datasheet
46Kb / 4P
Triple 3-Input NAND Gate
DM74LS10 FAIRCHILD-DM74LS10 Datasheet
46Kb / 4P
Triple 3-Input NAND Gate
logo
Integral Corp.
74HC10E INTEGRAL-74HC10E Datasheet
125Kb / 4P
TRIPLE 3-INPUT NAND GATE
logo
ON Semiconductor
MC74AC10 ONSEMI-MC74AC10_15 Datasheet
87Kb / 8P
Triple 3-Input NAND Gate
January, 2015 ??Rev. 9
logo
Nexperia B.V. All right...
74HC10-Q100 NEXPERIA-74HC10-Q100 Datasheet
697Kb / 13P
Triple 3-input NAND gate
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com