Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4114NH7P Datasheet(PDF) 1 Page - ebm-papst

Part # 4114NH7P
Description  DC axial fans
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

4114NH7P Datasheet(HTML) 1 Page - ebm-papst

  4114NH7P Datasheet HTML 1Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
62
Air performance measured according to: ISO 5801.
Installation category A, without contact protection.
Noise: Total sound power level LWA ISO 103002
measured on a hemisphere with a radius of 2 m.
Sound pressure level LpA measured at 1 m distance
from fan axis.
The values given are applicable only under the specified
measuring conditions and may differ depending on the
installation conditions.
In the event of deviation from the standard configuration,
the parameters must be checked after installation!
For detailed information see
http://www.ebmpapst.com/general conditions
– Possible special versions:
(See chapter DC fans - specials)
- Speed signal
- Go / NoGo alarm
- Alarm with speed limit
- External temperature sensor
- Internal temperature sensor
- PWM control input (standard)
- Analog control input
- Moisture protection
- Salt spray protection
Max.
570 m3/h
Type
m3/h
cfm
VDC
VDC
dB(A) Bel(A)
/
Watts
rpm-1
°C
Hours
Hours
4114 N/2 H7P
500
294
24
16...30
76
8.5
90
9 500
-20...+75
57 500 / 25 000
97 500
¿
4114 N/2 H8P
570
336
24
16...30
78
8.9
120
11 000
-20...+75
55 000 / 22 500
92 500
¡
4118 N/2 H7P
500
294
48
36...60*
76
8.5
90
9 500
-20...+75
57 500 / 25 000
97 500
¿
4118 N/2 H8P
570
336
48
36...60*
78
8.9
120
11 000
-20...+75
55 000 / 22 500
92 500
¡
Subject to change
– Material:
Housing: Die-cast aluminum
Impeller: GRP1) (PA)
– Direction of air flow: Intake over struts
– Direction of rotation: Clockwise, looking
towards rotor
– Connection:
Via single wires AWG 18, 20 or
AWG 22, TR 64, speed signal
and control input AWG 22
– Highlights:
Highly efficient and smoothly
operating 3-phase fan drive
Housing with grounding lug for
screw M4 x 8 (Torx)
– Weight:
425 g
1) Fiberglass-reinforced plastic
* 36...72 VDC on request.
Speed control range from 500 rpm-1 up to maximum nominal speed.
Standstill at 0% PWM, maximum speed if control cable is interrupted.
To attain the specified service life, an external capacitor must be wired
between the plus and minus strands. Please note the wiring suggestion on page 16.
** Power consumption at free air flow, these values can be significantly higher in the operating point.
Tin-pla
ted
Finger guards
from p. 242
** Power consumption - in operation
Fan type
optimum
operating range (W)
4114 NH7P
100
4114 NH8P
160
4118 NH7P
100
4118 NH8P
160
DC axial fans
 119 x 38 mm
Series 4100 N
High Performance
Nominal data


Similar Part No. - 4114NH7P

ManufacturerPart #DatasheetDescription
logo
ebm-papst
4114NH3 EBMPAPST-4114NH3 Datasheet
322Kb / 4P
DC axial compact fan
4114NH3 EBMPAPST-4114NH3 Datasheet
505Kb / 3P
DC axial fans
4114NH3 EBMPAPST-4114NH3_16 Datasheet
9Mb / 4P
DC axial compact fan
4114NH4 EBMPAPST-4114NH4 Datasheet
505Kb / 3P
DC axial fans
4114NH5 EBMPAPST-4114NH5 Datasheet
505Kb / 3P
DC axial fans
More results

Similar Description - 4114NH7P

ManufacturerPart #DatasheetDescription
logo
ETRI
158DL5LP11000 ETRI-158DL5LP11000 Datasheet
220Kb / 1P
DC Axial Fans
230DL1LP11000 ETRI-230DL1LP11000 Datasheet
211Kb / 1P
DC Axial Fans
246DS1LP11000 ETRI-246DS1LP11000 Datasheet
183Kb / 1P
DC Axial Fans
260DL5LP11000 ETRI-260DL5LP11000 Datasheet
203Kb / 1P
DC Axial Fans
281DL1LP11000B ETRI-281DL1LP11000B Datasheet
159Kb / 1P
DC Axial Fans
282DL1LP11000 ETRI-282DL1LP11000 Datasheet
213Kb / 1P
DC Axial Fans
291DL5LP11000 ETRI-291DL5LP11000 Datasheet
212Kb / 1P
DC Axial Fans
299DL1LP11000 ETRI-299DL1LP11000 Datasheet
184Kb / 1P
DC Axial Fans
352DS1LM11000 ETRI-352DS1LM11000 Datasheet
190Kb / 1P
DC Axial Fans
logo
List of Unclassifed Man...
F1238S-H ETC2-F1238S-H Datasheet
350Kb / 1P
DC AXIAL FANS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com