Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL8T08 Datasheet(PDF) 4 Page - Sharp Corporation

Part # GL8T08
Description  Super-luminosity/High-luminosity Numeric LED
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL8T08 Datasheet(HTML) 4 Page - Sharp Corporation

  GL8T08 Datasheet HTML 1Page - Sharp Corporation GL8T08 Datasheet HTML 2Page - Sharp Corporation GL8T08 Datasheet HTML 3Page - Sharp Corporation GL8T08 Datasheet HTML 4Page - Sharp Corporation GL8T08 Datasheet HTML 5Page - Sharp Corporation GL8T08 Datasheet HTML 6Page - Sharp Corporation GL8T08 Datasheet HTML 7Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Numeric LED Outline Dimensions(Unit:mm)
148
(Notice)
¡In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
(Internet) ¡Data for sharp's optoelectronic/power device is provided for internet.(Address http://www.sharp.co.jp/ecg/)
D1
3
D2
4
E1
1
E2
2
F1
13
F2
14
G1
15
G2
16
C2
7
D.P.
8
10
B2
9
B1
6
C1
6-ø3.0
±0.15
Internal connection diagram
12
A2
11
A1
D1
3
D2
4
E1
1
E2
2
F1
13
F2
14
G1
15
G2
16
C2
7
D.P.
8
10
B2
9
B1
6
C1
12
A2
11
A1
5.08!7mm
35.5!
76.0
±0.4
33.0
±0.5
33.0
±0.5
42.0
±0.3
10˚
16
9
1
55
8
8.0(Segment width)
0.8
7.5
D.P.
ø9.6
A
B
F
EC
D
G
28.0
Segment name
15.0
15.0
36.0
1.6
9.0
F
EG
10
3
24
85
GL8t18
ø4.0
4-ø5.5MAX.
(Calking)
CD
D.P.
24.0
2-ø3.3
3.0
(Segment width)
10˚
EF G D.P.
10.16
10.16
10
1
14.5
8
75
4
3
210
7
6
6
GL9t18
10.16
35.0
(2.54!4)
Internal connection diagram
B
A
AB C D
9
9
1.0 for all space
Segment name
A
B
C
D
E
F
G
D.P.
˚
7
21.0
14.0
37.0
15.24
10-ø0.55
ø4.8
Segment name
B
C
E
F
A
G
D
D.P.
Luminous intensity rank
Internal connection diagram
8
14
1
7
2.54!6=
F
EG
6
12
1
14
52
GL8t15
CD
D.P.
EF G D.P.
5
82
14
12
16
8
9
9
GL9t15
B
A
AB C D
11
4
11
4
Luminous intensity rank
14.7
˚
7
9.4
15.24
ø0.55
22.8
ø3.0
2.7(for all segment width)
2.54!6=
A
G
C
D
D.P.
E
F
B
8
14
7
1
Internal connection diagram
F
EG
6
12
1
14
52
GL8t100
CD
D.P.
EF G D.P.
5
82
14
12
16
8
9
9
GL9t100
B
A
AB C D
11
4
4
11
Segment name
Luminous intensity rank
14.7
˚
7
9.4
15.24
ø0.55
22.8
ø3.0
2.7(for all segment width)
2.54!6=
A
G
C
D
D.P.
E
F
B
8
14
7
1
Internal connection diagram
BD
F G
C
52
E
112 14
A
98
GL9tt100
(Red)
(Yellow-green)
11
4
D.P.
6
BD
F G
C
52
E
112 14
A
98
GL8tt100
(Red)
(Yellow-green)
11
4
D.P.
6
Segment name
˚
7
7.6
11.0
=10.16
10-ø0.45
19.0
A
B
C
D
E
F
G
D.P.
5
1
10
Luminous intensity rank
ø2.0
6
2.54!4
Internal connection diagram
F
EG
5
9
1
10
42
GL8t08
CD
D.P.
EF G D.P.
4
62
10
9
15
6
7
7
GL9t08
B
A
AB C D
8
3
3
8
Segment name
1
3
5
2
4
6
GL9t30 Series GL8t30 Series
GL9t18 Series GL8t18 Series
GL9t15 Series GL8t15 Series
GL9t100 Series GL8t100 Series
GL9tt100 Series GL8tt100 Series
GL9t08 Series GL8t08 Series



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com