Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTSA-C190TBA5 Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # LTSA-C190TBA5
Description  SMD LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTSA-C190TBA5 Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  LTSA-C190TBA5 Datasheet HTML 1Page - Lite-On Technology Corporation LTSA-C190TBA5 Datasheet HTML 2Page - Lite-On Technology Corporation LTSA-C190TBA5 Datasheet HTML 3Page - Lite-On Technology Corporation LTSA-C190TBA5 Datasheet HTML 4Page - Lite-On Technology Corporation LTSA-C190TBA5 Datasheet HTML 5Page - Lite-On Technology Corporation LTSA-C190TBA5 Datasheet HTML 6Page - Lite-On Technology Corporation LTSA-C190TBA5 Datasheet HTML 7Page - Lite-On Technology Corporation LTSA-C190TBA5 Datasheet HTML 8Page - Lite-On Technology Corporation LTSA-C190TBA5 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
1/13
Part No. : LTSA-C190TBA5
BNS-OD-FC002/A4
SMD LED
LTSA-C190TBA5
1. Description
SMD LED lamps from Lite-On are available in miniature sizes and special configurations for automated PC board assembly and
space-sensitive applications. These SMD LED lamps are suitable for use in a wide variety of electronic equipment, eg: cordless
and cellular phones, notebook computers and network systems…
1.1 Features
Meet RoHS and HF
Ultra Bright InGaN Aqua White Chip LED
0603 Package in 8mm tape on 7" diameter reels.
EIA STD package
I.C. compatible
Compatible with automatic placement equipment
Compatible with infrared reflow solder process
1.2 Applications
Automotive: accessary application
2. Package Dimensions
Part No.
Lens Color
Source Color
LTSA-C190TBA5
Yellow
InGaN White
Notes:
1.
All dimensions are in millimeters (inches).
2.
Tolerance is ±0.1 mm (.004") unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com