Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTSA-E67RVSWT Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # LTSA-E67RVSWT
Description  SMD LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTSA-E67RVSWT Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  LTSA-E67RVSWT Datasheet HTML 1Page - Lite-On Technology Corporation LTSA-E67RVSWT Datasheet HTML 2Page - Lite-On Technology Corporation LTSA-E67RVSWT Datasheet HTML 3Page - Lite-On Technology Corporation LTSA-E67RVSWT Datasheet HTML 4Page - Lite-On Technology Corporation LTSA-E67RVSWT Datasheet HTML 5Page - Lite-On Technology Corporation LTSA-E67RVSWT Datasheet HTML 6Page - Lite-On Technology Corporation LTSA-E67RVSWT Datasheet HTML 7Page - Lite-On Technology Corporation LTSA-E67RVSWT Datasheet HTML 8Page - Lite-On Technology Corporation LTSA-E67RVSWT Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1/11
Part No. : LTSA-E67RVSWT
BNS-OD-FC002/A4
SMD LED
LTSA-E67RVSWT
1. Description
SMD LEDs from Lite-On are available in miniature sizes and special configurations for automated PC board assembly and
space-sensitive applications. These SMD LEDs are suitable for use a wide variety of electronic equipment, e.g.: cordless and
cellular phones, notebook computers and network systems etc..
1.1 Features
Meet ROHS
Package in 8mm tape on 7" diameter reels
EIA STD package
I.C. compatible
Compatible with automatic placement equipment
Compatible with infrared reflow solder process
Preconditioning: accelerate to JEDEC level 3
1.2 Applications
Aftermarket: accessary applications,
2. Package Dimensions
Part No.
Lens Color
Source Color
LTSA-E67RVSWT
Diffused
AlInGaP Yellow
Notes:
1.
All dimensions are in millimeters.
2.
Tolerance is ±0.2 mm (.008") unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com