Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP950 Datasheet(PDF) 4 Page - TT Electronics.

Part # OP950
Description  PIN Silicon Photodiode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OP950 Datasheet(HTML) 4 Page - TT Electronics.

  OP950 Datasheet HTML 1Page - TT Electronics. OP950 Datasheet HTML 2Page - TT Electronics. OP950 Datasheet HTML 3Page - TT Electronics. OP950 Datasheet HTML 4Page - TT Electronics. OP950 Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
PIN Silicon Photodiode
OP950 Series
Issue A
08/2016
Page 4
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.optekinc.com | www.ttelectronics.com
Absolute Maximum Ratings (TA = 25° C unless otherwise noted)
Reverse Breakdown Voltage
60 V
Storage & Opera ng Temperature Range
-40° C to +100° C
Lead Soldering Temperature [1/16 inch (1.6 mm) from the case for 5 sec. with soldering iron]
260° C
(1)
Reverse Breakdown Voltage
60 V
Power Dissipa on
100 mW
(2)
Electrical Specifications
Electrical Characteristics (TA = 25° C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
IL
Reverse Light Current
OP950, OP955
OP954
8
3.5
-
-
18
8
µA
VR = 5 V, EE = 1 mW/cm
2 (3)
ID
Reverse Dark Current
-
1
60
nA
VR = 30 V, EE = 0
(4)
V(BR)
Reverse Breakdown Voltage
60
-
-
V
IR = 100 μA
VF
Forward Voltage
-
-
1.2
V
IF = 1 mA
CT
Total Capacitance
-
4
-
pF
VR = 20 V, EE = 0, f = 1.0 MHz
tr
Rise Time
-
5
-
ns
tf
Fall Time
-
5
-
VR = 20 V, λ = 850 nm, RL = 50 Ω
Notes:
(1) RMA flux is recommended. Dura on can be extended to 10 seconds maximum when flow soldering. A maximum of 20
grams force may be applied to leads when soldering.
(2) Derate linearly 1.67 mW/° C above 25° C.
(3) The light source is an unfiltered GaAs LED with a peak emission wavelength of 935 nm and a radiometric intensity level
which varies less than 10% over the en re lens surface of the photodiode being tested.
(4) Calculate the typical dark current in nA using the formula ID = 10
(0.042T
A
-1.5) where T
A is ambient temperature in °C.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com