Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QID4520002 Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # QID4520002
Description  Dual IGBT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

QID4520002 Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  QID4520002 Datasheet HTML 1Page - Powerex Power Semiconductors QID4520002 Datasheet HTML 2Page - Powerex Power Semiconductors QID4520002 Datasheet HTML 3Page - Powerex Power Semiconductors QID4520002 Datasheet HTML 4Page - Powerex Power Semiconductors QID4520002 Datasheet HTML 5Page - Powerex Power Semiconductors QID4520002 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Dual IGBT
HVIGBT Module
200 Amperes/4500 Volts
1
11/14 Rev. 3
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272
www.pwrx.com
QID4520002 Preliminary
Information presented is based upon manufacturers testing and projected capabilities. This information is subject to change without notice.
The manufacturer makes no claim as to the suitability of use, reliability, capability, or future availability of this product.
Outline Drawing and Circuit Diagram
Dimensions
Inches
Millimeters
A
5.51
140.0
B
2.87
73.0
C
1.89
48.0
D
4.88±0.01
124.0±0.25
E
2.24±0.01
57.0±0.25
F
1.18
30.0
G
0.43
11.0
H
1.07
27.15
J
0.20
5.0
K
1.65
42.0
Description:
Powerex HVIGBTs feature highly
insulating housings that offer
enhanced protection by means of
greater creepage and strike clear-
ance distance for many demanding
applications like medium voltage
drives and auxiliary traction
applications.
Features:
-40 to 150°C Extended
Temperature Range
100% Dynamic Tested
100% Partial Discharge Tested
Advanced Mitsubishi R-Series
Chip Technology
Aluminum Nitride (AlN) Ceramic
Substrate for Low Thermal
Impedance
Complementary Line-up in
Expanding Current Ranges to
Mitsubishi HVIGBT Power
Modules
Copper Baseplate
Creepage and Clearance Meet
IEC 60077-1
Rugged SWSOA and RRSOA
Applications:
High Voltage Power Supplies
Medium Voltage Drives
Motor Drives
Traction
Dimensions
Inches
Millimeters
L
0.69±0.01
17.5±0.25
M
0.38
9.75
N
0.20
5.0
P
0.22
5.5
Q
1.44
36.5
R
0.16
4.0
S
M6 Metric
M6
T
0.63 Min.
16.0 Min.
U
0.11 x 0.02
2.8 x 0.5
V
0.28 Dia.
7.0 Dia.
3
2
1
N
J (2TYP)
S NUTS
(3TYP)
H
H
V (4TYP)
M
G (3TYP)
R (DEEP)
E
B
K
(3TYP)
L
(2TYP)
P
U (5TYP)
T (SCREWING
DEPTH)
Q
1
2
3
4
5
6
7
8
F
F
D
A
C


Similar Part No. - QID4520002

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
QID4515001 POWEREX-QID4515001 Datasheet
640Kb / 4P
Dual IGBTMOD HVIGBT Module 150 Amperes/4500 Volts
QID4515002 POWEREX-QID4515002 Datasheet
656Kb / 5P
Dual IGBTMOD HVIGBT Module 150 Amperes/4500 Volts
QID4515004 POWEREX-QID4515004 Datasheet
599Kb / 7P
Dual IGBT
More results

Similar Description - QID4520002

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDMB100BS12 NIEC-PDMB100BS12 Datasheet
295Kb / 4P
IGBT Module-Dual
PDMB200BS12 NIEC-PDMB200BS12 Datasheet
345Kb / 4P
IGBT Module-Dual
PHMB600BS12 NIEC-PHMB600BS12 Datasheet
340Kb / 4P
IGBT Module-Dual
PHMB600E6 NIEC-PHMB600E6 Datasheet
345Kb / 4P
IGBT Module-Dual
PHMB800E6 NIEC-PHMB800E6 Datasheet
280Kb / 4P
IGBT Module-Dual
PRFMB200E6 NIEC-PRFMB200E6 Datasheet
262Kb / 4P
IGBT Module-Dual
PRFMB300E6 NIEC-PRFMB300E6 Datasheet
286Kb / 4P
IGBT Module-Dual
logo
Powerex Power Semicondu...
QI-4515002 POWEREX-QI-4515002 Datasheet
630Kb / 7P
Dual IGBT
QI-3320002 POWEREX-QI-3320002 Datasheet
570Kb / 7P
Dual IGBT
QID4515004 POWEREX-QID4515004 Datasheet
599Kb / 7P
Dual IGBT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com