Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRU1237SC Datasheet(PDF) 2 Page - International Rectifier

Part # IRU1237SC
Description  THREE INTEGRATED, FIXED OUTPUT LINEAR VOLTAGE REGULATORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU1237SC Datasheet(HTML) 2 Page - International Rectifier

  IRU1237SC Datasheet HTML 1Page - International Rectifier IRU1237SC Datasheet HTML 2Page - International Rectifier IRU1237SC Datasheet HTML 3Page - International Rectifier IRU1237SC Datasheet HTML 4Page - International Rectifier IRU1237SC Datasheet HTML 5Page - International Rectifier IRU1237SC Datasheet HTML 6Page - International Rectifier IRU1237SC Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IRU1237SC
2
Rev. 1.2
07/14/03
www.irf.com
ABSOLUTE MAXIMUM RATINGS
Input Voltage (VCC) ...................................................
18V
Input Voltage (VDD) ...................................................
18V
Operating Junction Temperature Range .....................
0°C To 150°C
Operating Ambient Temperature Range .....................
0°C To 70°C
Storage Temperature Range ......................................
-65°C To +150°C
ESD Capability (Human Body Model) ........................
2000V
PACKAGE INFORMATION
7-PIN ULTRA THIN-PAKTM (P)
θJA=30°C/W for 1"sq pad
Output Voltage #1
Output Voltage #1
Output Voltage #2
Output Voltage #2
Output Voltage #3
Line Regulation
Load Regulation
Dropout Voltage (Output #1)
Dropout Voltage (Output #2)
Dropout Voltage (Output #3)
Transient Response
Current Limit (Output #1)
Current Limit (Output #2)
Current Limit (Output #3)
Min Load Current (Output #1)
Min Load Current (Output #2)
Min Load Current (Output #3)
Output Capacitor
Input Capacitor
Thermal Regulation
ELECTRICAL SPECIFICATIONS
Unless otherwise specified, these specifications apply over VCC=5V, VDD=12V, CIN=COUT=0.1
mF(X7R), TJ=0 to
125°C. Typical values refer to TJ=25°C. IFL1=1.2A, IFL2 =1.2A and IFL3 =0.2A.
PARAMETER
SYM
TEST CONDITION
MIN
TYP
MAX
UNITS
2.522
2.20
3.20
2.90
7.76
1.50
1.50
0.25
0.1
0.1
2.60
2.60
3.30
3.30
8.00
0.2
0.4
1.3
1.1
2.0
1.0
1.65
1.65
0.30
0.1
2.678
2.65
3.40
3.40
8.24
1.7
1.3
2.2
2.50
2.50
0.50
0
0
0
33
0.3
V
V
V
V
V
%Vo
%Vo
V
V
V
ms
A
A
A
mA
mA
mA
mF
mF
%/W
Over all operating conditions
0V<VDD<10.8V, IO1=0.5A
Over all operating conditions
0V<VDD<10.8V, IO1=0.5A
Over all operating conditions
IO=10mA, VCC
65%, VDD610%
Note 1, 10mA < IO < IFL
Note 2, IO1=IFL1
Note 2, IO2=IFL2
Note 3, IO3=IFL3
Note 3 and 7
DVO1=125mV
DVO2=165mV
DVO3=400mV
Note 4 and 7
Note 4 and 7
Note 4 and 7
Note 5 and 7
Note 7
Note 7, 30ms pulse, IO=IFL
VO1
VO1
VO2
VO2
VO3
RegLINE
RegLOAD
VDO1
VDO2
VDO3
tTR
IOL1
IOL2
IOL3
LO1(MIN)
LO2(MAX)
LO3(MAX)
CO
CIN
RegTHERM
1
2
3
4
5
6
7
Gnd 26/33
V33
Vcc
VDD
V26
V8
Gnd8



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com