Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1237SC Datasheet(PDF) 1 Page - International Rectifier

Part # 1237SC
Description  THREE INTEGRATED, FIXED OUTPUT LINEAR VOLTAGE REGULATORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

1237SC Datasheet(HTML) 1 Page - International Rectifier

  1237SC Datasheet HTML 1Page - International Rectifier 1237SC Datasheet HTML 2Page - International Rectifier 1237SC Datasheet HTML 3Page - International Rectifier 1237SC Datasheet HTML 4Page - International Rectifier 1237SC Datasheet HTML 5Page - International Rectifier 1237SC Datasheet HTML 6Page - International Rectifier 1237SC Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
IRU1237SC
1
Rev. 1.2
07/14/03
www.irf.com
PACKAGE ORDER INFORMATION
APPLICATIONS
DESCRIPTION
The IRU1237SC voltage regulator solution contains three
integrated, fixed, linear voltage regulators in one 7-pin
surface mount package. The first is a 2.6V regulator to
power the read channel and integrated controller/
mP. The
second is a 3.3V regulator to power the controller I/O
and memory chips requiring 3.3V. The last is an 8V regu-
lator to power the preamp chip. The bandgap reference,
the 8V ground, and the substrate are all tied to a com-
mon ground pin, while the 2.6V and 3.3V ground is tied
to a separate ground pin. This grounding scheme allows
for improved noise isolation between the 8V regulator
and the 2.6V and 3.3V regulators.
The 2.6V and 3.3V regulators shall each be capable of
1.2A continuous for a 5.25V input. The 8V regulator shall
be capable of 0.2A continuous for a 13.2V input.
THREE INTEGRATED, FIXED OUTPUT
LINEAR VOLTAGE REGULATORS
Figure 1 - Typical application of IRU1237SC.
Data Sheet No. PD94581
FEATURES
Stable with Ceramic Capacitor
Fixed 8V, 3.3V and 2.6V
Fast Transient Response
Output Current Limiting for each outputs
Built-In Thermal Shutdown
Hard Disk Drive
Multi-Outputs Applications
High Efficiency Linear Regulator
PRELIMINARY DATA SHEET
TYPICAL APPLICATION
TJ (°C)
7-PIN PLASTIC
PACKAGE
Ultra Thin-PakTM (P)
MARKING
0 To 150
IRU1237SCCP
US1237SCCP
Gnd26/33
V33
VCC
Gnd8
V8
VDD
V26
10uF
12V
5V
IRU1237SC
10uF
1uF
1uF
10uF
2.6V / 1.2A
8V / 200mA
3.3V / 1.2A


Similar Part No. - 1237SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1237 ETC2-1237 Datasheet
87Kb / 1P
KNOB
logo
Heyco.
1237 HEYCO-1237 Datasheet
91Kb / 1P
Original Strain Relief Bushings
logo
CEE Norm UK Ltd
1237 CEENORM-1237 Datasheet
1Mb / 4P
Socket Outlets
logo
Lapp.
1237000 LAPP-1237000 Datasheet
401Kb / 11P
ÖLFLEX® HEAT 125 SC 450/750V 1X6 BK
2025-06-30
logo
Weidmuller
1237000000 WEIDMULLER-1237000000 Datasheet
541Kb / 7P
SCZ 3.81/04/180GZE SN OR BX
More results

Similar Description - 1237SC

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC7800 MOTOROLA-MC7800 Datasheet
278Kb / 16P
THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC78T00 ONSEMI-MC78T00 Datasheet
162Kb / 12P
THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS
REV 1
logo
KEC(Korea Electronics)
KIA78M05P KEC-KIA78M05P Datasheet
170Kb / 8P
BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATORS)
KIA78M05T KEC-KIA78M05T Datasheet
422Kb / 8P
BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATORS)
KIA78S05P KEC-KIA78S05P Datasheet
345Kb / 16P
BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATORS)
KIA79M05F KEC-KIA79M05F Datasheet
444Kb / 9P
BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATORS)
KIA79M05P KEC-KIA79M05P Datasheet
182Kb / 8P
BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL NEGATIVE VOLTAGE REGULATORS)
KIA79M05PI KEC-KIA79M05PI Datasheet
447Kb / 9P
BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATORS)
KIA79M05T KEC-KIA79M05T Datasheet
444Kb / 9P
BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL NEGATIVE VOLTAGE REGULATORS)
KIA79S05P KEC-KIA79S05P Datasheet
242Kb / 12P
BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL NEGATIVE VOLTAGE REGULATORS)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com