Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1056708 Datasheet(PDF) 4 Page - SICK AG

Part # 1056708
Description  INDUCTIVE PROXIMITY SENSORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1056708 Datasheet(HTML) 4 Page - SICK AG

  1056708 Datasheet HTML 1Page - SICK AG 1056708 Datasheet HTML 2Page - SICK AG 1056708 Datasheet HTML 3Page - SICK AG 1056708 Datasheet HTML 4Page - SICK AG 1056708 Datasheet HTML 5Page - SICK AG 1056708 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
IME18-08BPPZC0S | IME
INDUCTIVE PROXIMITY SENSORS
Installation note
Flush installation
F
C
B
D
Connection diagram
Cd-006
BN
BK
WH
+ (L+)
NO
NC
1
4
2
BU
- (M)
3
Dimensional drawing (Dimensions in mm (inch))
IME18 Standard, connector, flush
69 (2.72)
52 (2.05)
1
2
3
①  Connection
②  Indication LED
③  Fastening nuts (2x); width across 24, metal
Recommended accessories
Other models and accessories
www.sick.com/IME
Brief description
Type
Part no.
Universal bar clamp systems
Universal bar clamp for mounting bars with 12 mm diameter, Zinc diecast, without
mounting plate and screws
BEF-KHS-KH3
5322626
4
PROXIMITY SENSORS | SICK
Online data sheet | 2018-02-16 14:46:13
Subject to change without notice



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com