Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTH50P10 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTH50P10
Description  Standard Power MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH50P10 Datasheet(HTML) 1 Page - IXYS Corporation

  IXTH50P10 Datasheet HTML 1Page - IXYS Corporation IXTH50P10 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2002 IXYS All rights reserved
TO-247 AD
G = Gate,
D = Drain,
S = Source,
TAB = Drain
D (TAB)
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
-100
V
V
DGR
T
J
= 25
°C to 150°C; R
GS = 1 MΩ
-100
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C
= 25
°C
-50
A
I
DM
T
C
= 25
°C, pulse width limited by T
J
-200
A
I
AR
T
C
= 25
°C
-50
A
E
AR
T
C
= 25
°C30
mJ
P
D
T
C
= 25
°C
300
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
Maximum lead temperature for soldering
300
°C
1.6 mm (0.062 in.) from case for 10 s
M
d
Mounting torque
1.13/10 Nm/lb.in.
Weight
6g
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
DSS
V
GS = 0 V, ID = -250 µA
-100
V
V
GS(th)
V
DS = VGS, ID = -250 µA
-3.0
-5.0
V
I
GSS
V
GS = ±20 VDC, VDS = 0
±100
nA
I
DSS
V
DS = 0.8
V
DSS
T
J =
25
°C
-25
µA
V
GS = 0 V
T
J = 125 ° C-1
mA
R
DS(on)
V
GS = -10 V, ID =
0.5 I
D25
55
m
Ω
Features
• Internationalstandardpackage
JEDEC TO-247 AD
• Low R
DS (on) HDMOS
TM process
• Rugged polysilicon gate cell structure
• Unclamped Inductive Switching (UIS)
rated
• Low package inductance (<5 nH)
- easy to drive and to protect
Applications
• High side switching
• Push-pull amplifiers
• DC choppers
• Automatic test equipment
Advantages
• Easy to mount with 1 screw
(isolated mounting screw hole)
• Space savings
• High power density
98905 (2/02)
P-Channel Enhancement Mode
Avalanche Rated
Standard Power MOSFET
IXTH 50P10
Advance Technical Information
V
DSS
= -100
V
I
D25
= -50
A
R
DS(on)
=
55 m
Ω
Ω
Ω
Ω
Ω


Similar Part No. - IXTH50P10

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTH50P10 IXYS-IXTH50P10 Datasheet
123Kb / 4P
Standard Power MOSFET
logo
Inchange Semiconductor ...
IXTH50P10 ISC-IXTH50P10 Datasheet
383Kb / 2P
isc P-Channel MOSFET Transistor
More results

Similar Description - IXTH50P10

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IZTH6N90 IXYS-IZTH6N90 Datasheet
104Kb / 4P
Standard Power MOSFET
IXTH16P20 IXYS-IXTH16P20 Datasheet
79Kb / 2P
Standard Power MOSFET
IXTH5N100 IXYS-IXTH5N100 Datasheet
104Kb / 4P
Standard Power MOSFET
IXTH10P60 IXYS-IXTH10P60 Datasheet
70Kb / 2P
Standard Power MOSFET
IRFP250 IXYS-IRFP250 Datasheet
47Kb / 2P
Standard Power MOSFET
IXTH11P50 IXYS-IXTH11P50 Datasheet
573Kb / 4P
Standard Power MOSFET
IXTH12N50A IXYS-IXTH12N50A Datasheet
97Kb / 4P
Standard Power MOSFET
IXTH36P10 IXYS-IXTH36P10 Datasheet
81Kb / 2P
Standard Power MOSFET
IXTT24P20 IXYS-IXTT24P20 Datasheet
563Kb / 5P
Standard Power MOSFET
IXTT50P10 IXYS-IXTT50P10 Datasheet
123Kb / 4P
Standard Power MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com