Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JDV2S09S Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # JDV2S09S
Description  VCO for UHF band
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

JDV2S09S Datasheet(HTML) 2 Page - Toshiba Semiconductor

  JDV2S09S Datasheet HTML 1Page - Toshiba Semiconductor JDV2S09S Datasheet HTML 2Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
JDV2S09S
2001-01-09
2/2
Reverse voltage
VR (V)
CV – VR
Reverse voltage
VR (V)
rs – VR
0
1
3
10
1
2
3
f
= 1 MHz
Ta
= 25°C
6
5
30
100
50
4
5
f
= 470 MHz
Ta
= 25°C
1
0
3
0.1
0.2
0.3
10
30
0.4
100
5
50
• The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by
TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its
use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or
others.
• The information contained herein is subject to change without notice.
000707EAA2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com