Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTE2570 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE2570
Description  Silicon Complementary Transistors High Current Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE2570 Datasheet(HTML) 2 Page - NTE Electronics

  NTE2570 Datasheet HTML 1Page - NTE Electronics NTE2570 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics (Cont’d): (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Turn–On Time
NTE2570
ton
VCC = 50V, VBE = –5V,
0.1
µs
NTE2571
CC
BE
10IB1 = –10IB2 = IC = 2A,
µ
0.2
µs
Storage Time
NTE2570
tstg
Pulse Width = 20
µs
Duty Cycle
≤ 1%
1.6
µs
NTE2571
0.7
µs
Fall Time
NTE2570
tf
0.4
µs
NTE2571
0.2
µs
Note 1. For NTE2571, the polarity is reversed.
.402 (10.2) Max
.224 (5.7) Max
.295
(7.5)
.165
(4.2)
.669
(17.0)
Max
.531
(13.5)
Min
.100 (2.54)
.059 (1.5) Max
.114 (2.9) Max
.173 (4.4) Max
BC
E
.122 (3.1)
Dia
NOTE: Tab is isolated



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com