Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE7014-2 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE7014-2
Description  2 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7014-2 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE7014-2 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7014-2 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7014-2 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Features
• Bidirectional
• DC to 18 GHz Frequency Range
• Attenuation 2±0.3 dB
• Max Power 5 Watts (CW)
• VSWR < 1.4:1
Applications
• Instrumentation
• Precision measurements
• Prototyping and characterization
• Production systems
.
Description
Pasternack carries a wide range of fixed attenuators with a broad selection of attenuation levels, frequency ranges, and power
dissipation ranges. RF microwave attenuators (also known as RF pads) lower the amplitude of a signal (attenuate) a known
amount and can be used in a wide variety of applications. These attenuator pads are used when a signal needs to be reduced
to protect measurement equipment or other circuitry, to extend the range of power meters and amplifiers, and to impedance
match circuits by reducing the VSWR seen by adjacent components. RF attenuators can prevent signal overload in amplifiers,
receivers and detectors, adjusting the signal level to a range that is optimal.
Few RF components are as commonly used as fixed coaxial attenuators, and Pasternack carries one of the largest in-stock
varieties and ships them same day. The 2 dB Fixed Attenuator PE7014-2 is rated to 5 Watts and operates from DC to 18
GHz. The versatile coaxial package uses N male to N female connectors and is also REACH and RoHS compliant. The Black
Anodized Aluminum Heatsink body allows for efficient heat dissipation under high power usage conditions.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
18
GHz
Impedance
50
Ohms
Nominal Attenuation
2
dB
Attenuation Accuracy
±0.3
dB
VSWR
1.4:1
Input Power, CW
5
Watts
derated linearly to 1W at +125°C
.
Mechanical Specifications
Size
Length
1.9 in [48.26 mm]
Width/Diameter
0.8 in [20.32 mm]
.
Weight
0.116 lbs [52.62 g]
Body Material and Plating
Black Anodized Aluminum Heatsink
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body Rated to
5 Watts Up to 18 GHz
PE7014-2
PE7014-2 REV 1.2
2 dB Fixed Attenuator, N Male to N Female Black Anodized
Aluminum Heatsink Body Rated to 5 Watts Up to 18 GHz
RF Fixed Attenuators Technical Data Sheet
PE7014-2


Similar Part No. - PE7014-2

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7014-2 PASTERNACK-PE7014-2 Datasheet
768Kb / 3P
2 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink Black Anodized Body Rated To 5 Watts Up To 18 GHz
PE7014-20 PASTERNACK-PE7014-20 Datasheet
767Kb / 3P
20 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink Black Anodized Body Rated To 5 Watts Up To 18 GHz
More results

Similar Description - PE7014-2

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7010-2 PASTERNACK-PE7010-2_16 Datasheet
241Kb / 4P
2 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body
PE7010-10 PASTERNACK-PE7010-10_16 Datasheet
241Kb / 4P
10 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body
PE7010-40 PASTERNACK-PE7010-40_16 Datasheet
241Kb / 4P
40 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body
PE7015-1 PASTERNACK-PE7015-1_16 Datasheet
239Kb / 3P
1 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body
PE7015-6 PASTERNACK-PE7015-6_16 Datasheet
238Kb / 3P
6 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body
PE7015-10 PASTERNACK-PE7015-10_16 Datasheet
239Kb / 3P
10 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body
PE7017-2 PASTERNACK-PE7017-2_16 Datasheet
241Kb / 3P
2 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body
PE7031-2 PASTERNACK-PE7031-2_16 Datasheet
260Kb / 3P
2 dB Fixed Attenuator, N Male to N Female Directional Black Anodized Aluminum Heatsink Body
PE7048-2 PASTERNACK-PE7048-2_16 Datasheet
240Kb / 3P
2 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body
PE7085-2 PASTERNACK-PE7085-2 Datasheet
243Kb / 4P
2 dB Fixed Attenuator, N Male to N Female Directional Black Anodized Aluminum Heatsink Body
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com