Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2652 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2652
Description  1.5A, Dual High Performance Synchronous Buck Regulator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2652 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2652 Datasheet HTML 1Page - National Semiconductor (TI) LM2652 Datasheet HTML 2Page - National Semiconductor (TI) LM2652 Datasheet HTML 3Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Connection Diagram
TOP VIEW
20117202
28-Lead Plastic (TSSOP Exposed Pad)
See NS Package Number MXA28A
Pin Descriptions
SW1 (Pins 1, 28): The switch node pins for Channel 1.
Connect the Channel 1 output inductor to these pins.
PVIN1 (Pins 2, 3): Input voltage supply for the Channel 1
switch. In a split-rail system, this supply should not exceed
the voltage at the AVIN pin.
PG1 (Pin 4): Open drain Power Good flag for Channel 1.
When this pin voltage is high, the output voltage is ready to
deliver power to the load. Connect to AVIN through a 10k
Ω
pull-up resistor.
EN1 (Pin 5): Channel 1 logic enable. Input to a CMOS
Schmitt trigger. Set this input high for normal operation.
When low, Channel 1 is in shutdown mode. Connect to
ground through a 100k
Ω pull-down resistor.
AVIN (Pin 6): Power supply for the system. Bypass this pin
with a small (0-10
Ω, 1 µF) filter if it is connected to the same
rail as PVIN.
SYNC (Pin 7): PWM frequency adjust. Connect a PWM
clock to this pin. If unused, connect this pin to ground.
NC (Pin 8): No internal connection. This pin should be
connected to ground.
AGND (Pin 9): Ground pin for the signal level circuitry. Must
be connected to the system ground.
EN2 (Pin 10): Channel 2 logic enable. Input to a CMOS
Schmitt trigger. Set this input high for normal operation.
When low, Channel 2 is in shutdown mode. Connect to
ground through a 100k
Ω pull-down resistor
PG2 (Pin 11): Open drain Power Good flag for Channel 2.
When this pin level is high, the Output voltage is ready to
deliver power to the load. Connect to AVIN through a 10k
Ω
pull-up resistor.
PVIN2 (Pin 12,13): Input voltage supply for the Channel 2
switch. In a split-rail system, this supply should not exceed
the voltage at the AVIN pin.
SW2 (Pin 14, 15): The switch node pins for Channel 2.
Connect the Channel 2 output inductor to these pins.
PGND2 (Pin 26, 27): Ground pins for the high current cir-
cuitry. Must be connected to the system ground.
SNS2 (Pin 18): The output voltage (V
O) sense pin for Chan-
nel 2. Connect this pin directly to the load.
FB2 (Pin 19): The input to the error amplifier of Channel 2.
COMP2 (Pin 20): The output of the Channel 2 error ampli-
fier.
SS2 (Pin 21): Soft start pin for Channel 2. Connect a small
capacitor to this pin to control the slew rate of V
O2 during
start-up.
SS1 (Pin 22): Soft start pin for Channel 1. Connect a small
capacitor to this pin to control the slew rate of V
O1 during
start-up.
COMP1 (Pin 23): The output of the Channel 1 error ampli-
fier.
FB1 (Pin 24): The input to the error amplifier of Channel 1.
SNS1 (Pin 25): The output voltage (V
O) sense pin for Chan-
nel 1. Connect this pin directly to the load.
PGND2 (Pins 16, 17): Ground pins for the high current
circuitry. Must be connected to the system ground.
EXPOSED PAD: Connect to power ground.
www.national.com
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com