Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM285 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM285
Description  Adjustable Micropower Voltage References
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM285 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM285 Datasheet HTML 1Page - National Semiconductor (TI) LM285 Datasheet HTML 2Page - National Semiconductor (TI) LM285 Datasheet HTML 3Page - National Semiconductor (TI) LM285 Datasheet HTML 4Page - National Semiconductor (TI) LM285 Datasheet HTML 5Page - National Semiconductor (TI) LM285 Datasheet HTML 6Page - National Semiconductor (TI) LM285 Datasheet HTML 7Page - National Semiconductor (TI) LM285 Datasheet HTML 8Page - National Semiconductor (TI) LM285 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Ordering Information
Package
Temperature Range
NSC
Drawing
−55˚C to 125˚C
−40˚C to 85˚C
0˚C to 70˚C
TO-46
LM185BH
H03H
LM185BH/883
LM185BYH
LM185BYH/883
TO-92
LM285BXZ
LM385BXZ
Z03A
LM285BYZ
LM385BYZ
LM285Z
LM385BZ
LM385Z
8-Pin SOIC
LM285M
LM385M
M08A
LM285BYM
LM385BM
20-Leadless Chip
Carrier
LM185BE/883
E20A
Block Diagram
00525013
Typical Applications
1.2V Reference
5.0V Reference
00525014
00525002
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com