Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4412FGL Datasheet(PDF) 1 Page - ebm-papst

Part # 4412FGL
Description  DC axial fans
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

4412FGL Datasheet(HTML) 1 Page - ebm-papst

  4412FGL Datasheet HTML 1Page - ebm-papst 4412FGL Datasheet HTML 2Page - ebm-papst 4412FGL Datasheet HTML 3Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Air performance measured according to: ISO 5801.
Installation category A, without contact protection.
Noise: Total sound power level LWA ISO 103002
measured on a hemisphere with a radius of 2 m.
Sound pressure level LpA measured at 1 m distance from
fan axis.
The values given are applicable only under the specified
measuring conditions and may differ depending on the
installation conditions.
In the event of deviation from the standard configuration,
the parameters must be checked after installation!
For detailed information see
http://www.ebmpapst.com/general conditions
– Possible special versions:
(See chapter DC fans - specials)
- Speed signal
- Go / NoGo alarm
- Alarm with speed limit
- External temperature sensor
- Internal temperature sensor
- PWM control input
- Analog control input
- Moisture protection
Max.
170 m3/h
Type
m3/h
cfm
VDC
VDC
dB(A) Bel(A)
/
Watts
rpm-1
°C
Hours
Hours
4412 FGL
94
55
12
7...14
26
3.9
1.3
1 600
-20...+75
80 000 / 32 500
135 000
¿
4412 FGML
114
67
12
7...12.6
32
4.3
2.0
1 950
-20...+75
75 000 / 30 000
127 500
¡
4412 FML
114
67
12
7...12.6
32
4.3
2.0
1 950
-20...+75
75 000 / 30 000
127 500
¡
4412 FGM
140
82
12
7...12.6
38
4.8
3.2
2 400
-20...+75
70 000 / 27 500
117 500
¬
4412 FM
140
82
12
7...12.6
38
4.8
3.2
2 400
-20...+75
70 000 / 27 500
117 500
¬
4412 FG
170
100
12
8...12.6
43
5.3
5.3
2 900
-20...+60
60 000 / 37 500
102 500
√
4412 F
170
100
12
8...12.6
43
5.3
5.3
2 900
-20...+60
60 000 / 37 500
102 500
√
4414 FL
94
55
24
18...28
26
3.9
1.2
1 600
-20...+75
80 000 / 32 500
135 000
¿
4414 FM
140
82
24
12...28
38
4.8
3.1
2 400
-20...+75
70 000 / 27 500
117 500
¬
4414 FG
170
100
24
12...28
43
5.3
5.0
2 900
-20...+60
60 000 / 37 500
102 500
√
4414 F
170
100
24
12...28
43
5.3
5.0
2 900
-20...+60
60 000 / 37 500
102 500
√
4418 FG
170
100
48
28...53
43
5.3
5.4
2 900
-20...+60
60 000 / 37 500
102 500
√
4418 F
170
100
48
28...53
43
5.3
5.4
2 900
-20...+60
60 000 / 37 500
102 500
√
Subject to change
– Material:
Housing: GRP1) (PBT)
Impeller: GRP1) (PA)
– Direction of air flow: Exhaust over struts
– Direction of rotation: Counterclockwise,
looking towards rotor
– Connection:
Via single wires AWG 24,
TR 64
– Highlights:
Ball bearings and sleeve
bearings available
– Weight:
175 g
1) Fiberglass-reinforced plastic
Available as an option:
Fan housing with molded-in
spacers
Tin-pla
ted
53
2
1
1
7
7
3
7
-
8
1
2
1
2
1
7
3
7
-
8
1
1
8
4
3
5
7
4
-
1
1
2
1
4
3
7
2
6
-
9
1
2
1
4
3
7
3
7
-
8
1
Finger guards
from p. 242
DC axial fans
 119 x 25 mm
Series 4400 F
Nominal data


Similar Part No. - 4412FGL

ManufacturerPart #DatasheetDescription
logo
ebm-papst
4412FGL EBMPAPST-4412FGL Datasheet
303Kb / 4P
DC axial compact fan
4412FGL EBMPAPST-4412FGL Datasheet
439Kb / 1P
TUBEAXIAL
4412FGL EBMPAPST-4412FGL Datasheet
345Kb / 3P
DC axial fans
More results

Similar Description - 4412FGL

ManufacturerPart #DatasheetDescription
logo
ETRI
158DL5LP11000 ETRI-158DL5LP11000 Datasheet
220Kb / 1P
DC Axial Fans
230DL1LP11000 ETRI-230DL1LP11000 Datasheet
211Kb / 1P
DC Axial Fans
246DS1LP11000 ETRI-246DS1LP11000 Datasheet
183Kb / 1P
DC Axial Fans
260DL5LP11000 ETRI-260DL5LP11000 Datasheet
203Kb / 1P
DC Axial Fans
281DL1LP11000B ETRI-281DL1LP11000B Datasheet
159Kb / 1P
DC Axial Fans
282DL1LP11000 ETRI-282DL1LP11000 Datasheet
213Kb / 1P
DC Axial Fans
291DL5LP11000 ETRI-291DL5LP11000 Datasheet
212Kb / 1P
DC Axial Fans
299DL1LP11000 ETRI-299DL1LP11000 Datasheet
184Kb / 1P
DC Axial Fans
352DS1LM11000 ETRI-352DS1LM11000 Datasheet
190Kb / 1P
DC Axial Fans
logo
List of Unclassifed Man...
F1238S-H ETC2-F1238S-H Datasheet
350Kb / 1P
DC AXIAL FANS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com