Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6424 Datasheet(PDF) 1 Page - ebm-papst

Part # 6424
Description  DC axial fans
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

6424 Datasheet(HTML) 1 Page - ebm-papst

  6424 Datasheet HTML 1Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
71
Air performance measured according to: ISO 5801.
Installation category A, without contact protection.
Noise: Total sound power level LWA ISO 103002
measured on a hemisphere with a radius of 2 m.
Sound pressure level LpA measured at 1 m distance from
fan axis.
The values given are applicable only under the specified
measuring conditions and may differ depending on the
installation conditions.
In the event of deviation from the standard configuration,
the parameters must be checked after installation!
For detailed information see
http://www.ebmpapst.com/general conditions
– Possible special versions:
(See chapter DC fans - specials)
- Speed signal
- Go / NoGo alarm
- Alarm with speed limit
- External temperature sensor
- Internal temperature sensor
- PWM control input
- Analog control input
- Moisture protection
- Salt spray protection
- Degree of protection: IP 54
DC axial fans
172 x 150 x 51 mm
Max.
480 m3/h
Type
m3/h
cfm
VDC
VDC
dB(A) Bel(A)
/
Watts
rpm-1
°C
Hours
Hours
6412 M
350
206
12
8...15
52
6.0
12
2 850
-20...+72
80 000 / 37 500
135 000
¿
6424 M
350
206
24
12...32
52
6.0
12
2 850
-20...+72
80 000 / 37 500
135 000
¿
6424
410
241
24
12...28
57
6.4
17
3 400
-20...+72
75 000 / 35 000
127 500
¡
6424 H
480
283
24
12...28
63
7.1
26
4 000
-20...+55**
70 000 / 50 000
117 500
¬
6448
410
241
48
28...60
57
6.4
17
3 400
-20...+72
75 000 / 35 000
127 500
¡
6448 H*
480
283
48
28...60
63
7.1
26
4 000
-20...+55**
70 000 / 50 000
117 500
¬
Subject to change
– Material:
Housing: Die-cast aluminum
Impeller: GRP1) (PA)
– Direction of air flow: Exhaust over struts
– Direction of rotation: Counterclockwise,
looking towards rotor
– Connection:
on flat plugs 3 x 0.5 mm
– Highlights:
Housing with grounding lug for
screw M4 x 8 (Torx)
– Weight:
760 g
1) Fiberglass-reinforced plastic
7.5 deep
* Strand 310 mm.
** 72 °C versions on request
*** Power consumption at free air flow, these values can be significantly higher in the operating point.
Finger guards
from p. 242
Cables
P. 255
Series 6400
Nominal data


Similar Part No. - 6424

ManufacturerPart #DatasheetDescription
logo
ebm-papst
6424 EBMPAPST-6424 Datasheet
269Kb / 4P
DC axial compact fan
logo
Alpha Wire
6424 ALPHAWIRE-6424 Datasheet
412Kb / 5P
22 (7/30) AWG Tinned Copper
logo
Schurter Inc.
6424.0051.10 SCHURTER-6424.0051.10 Datasheet
662Kb / 5P
IEC Appliance Inlet C14 with modular extended Components
6424.0051.10 SCHURTER-6424.0051.10 Datasheet
584Kb / 7P
IEC Appliance Inlet C14 with modular extended Components
6424.0051.12 SCHURTER-6424.0051.12 Datasheet
662Kb / 5P
IEC Appliance Inlet C14 with modular extended Components
More results

Similar Description - 6424

ManufacturerPart #DatasheetDescription
logo
ETRI
158DL5LP11000 ETRI-158DL5LP11000 Datasheet
220Kb / 1P
DC Axial Fans
230DL1LP11000 ETRI-230DL1LP11000 Datasheet
211Kb / 1P
DC Axial Fans
246DS1LP11000 ETRI-246DS1LP11000 Datasheet
183Kb / 1P
DC Axial Fans
260DL5LP11000 ETRI-260DL5LP11000 Datasheet
203Kb / 1P
DC Axial Fans
281DL1LP11000B ETRI-281DL1LP11000B Datasheet
159Kb / 1P
DC Axial Fans
282DL1LP11000 ETRI-282DL1LP11000 Datasheet
213Kb / 1P
DC Axial Fans
291DL5LP11000 ETRI-291DL5LP11000 Datasheet
212Kb / 1P
DC Axial Fans
299DL1LP11000 ETRI-299DL1LP11000 Datasheet
184Kb / 1P
DC Axial Fans
352DS1LM11000 ETRI-352DS1LM11000 Datasheet
190Kb / 1P
DC Axial Fans
logo
List of Unclassifed Man...
F1238S-H ETC2-F1238S-H Datasheet
350Kb / 1P
DC AXIAL FANS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com