Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX20303 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX20303
Description  Wearable Power Management Solution
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20303 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX20303 Datasheet HTML 17Page - Maxim Integrated Products MAX20303 Datasheet HTML 18Page - Maxim Integrated Products MAX20303 Datasheet HTML 19Page - Maxim Integrated Products MAX20303 Datasheet HTML 20Page - Maxim Integrated Products MAX20303 Datasheet HTML 21Page - Maxim Integrated Products MAX20303 Datasheet HTML 22Page - Maxim Integrated Products MAX20303 Datasheet HTML 23Page - Maxim Integrated Products MAX20303 Datasheet HTML 24Page - Maxim Integrated Products MAX20303 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 152 page
background image
(VBAT = +3.7V, TA = -20°C to +70°C, unless otherwise noted. Typical values are at TA = +25°C. CSFOUT = 1µF, CVDIG = 1µF, CCAP =
1µF, CSYS = 10µF, CBK1OUT_EFF = 10µF, CBK2OUT_EFF = 10µF, CL1IN = 1µF, CL2IN = 1µF, CL1OUT = 1µF, CL2OUT = 1µF, CCPP = 27nF,
CBSTOUT_EFF = 10µF, CBBOUT_EFF = 10µF, LBK1 = 2.2µH, LBK2 = 2.2µH, LBSTOUT = 4.7µH, LBBOUT = 4.7µH). (Note 1)
Electrical Characteristics (continued)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
BUCK1
Input Voltage Range
VBK1IN
Input voltage = VSYS
2.7
5.5
V
Output Voltage Range
VBK1OUT
25mV step resolution
0.8
2.375
V
Output Voltage UVLO
VUVLO_BK1
0.65
V
Quiescent Supply Current
IQ_BK1
IBK1OUT = 0, VSYS = +3.7V,
VBK1OUT = +1.2V
0.8
1.3
µA
Dropout Quiescent Supply
Current
IQ_DO_BK1
IBK1OUT = 0, VSYS – VBK1OUT ≤ +0.1V
250
µA
Shutdown Supply Current
with Active Discharge
Enabled
ISD_BK1
Buck 1 disabled, Buck1ActDsc = 1
60
µA
Output Average Voltage
Accuracy
ACC_BK1
IBK1OUT = 1mA
-3.2
+2.9
%
Peak-to-Peak Ripple
VRPP_BK1
Buck1ISet = 0100 (100mA),
CBK1OUT_EFF = 2.2µF,
IBK1OUT = 1mA
10
mV
Peak Current Set Range
IPSET_BK1
25mA step resolution. The accuracy
of codes below 50mA is limited by
tON_MIN_BK1
0
375
mA
Load Regulation Error
VLOAD_REG_
BK1
Buck1ISet = 0110 (150mA),
Buck1IAdptEn = 1, IBK1OUT = 300mA
-3
%
Line Regulation Error
VLINE_REG_
BK1
VBK1OUT = +1.2V, VSYS from +2.7V
to +5.5V
2
mV
Maximum Operative
Output Current
IBK1_MAX
VSYS = +3.7V, Buck1VSet = 0x10
(+1.2V), Buck1ISet = 1000 (200mA),
Buck1IAdptEn = 1, load regulation
error = -5%
220
mA
BK1OUT Pulldown
Current
IPD_BK1_E
Buck 1 Enabled
100
200
nA
BK1OUT Pulldown
Resistance with Buck
Disabled
IPD_BK1_D
Buck 1 Disabled, VSYS = +3.6V,
Buck1VSet = 0x10 (+1.2V)
12
MΩ
PMOS On-Resistance
RP_ON_BK1
Buck1FETScale = 0
0.35
0.49
Ω
RP_ON_BK1_FS Buck1FETScale = 1
0.7
0.98
NMOS On-Resistance
RN_ON_BK1
Buck1FETScale = 0
0.25
0.4
Ω
RN_ON_BK1_FS Buck1FETScale = 1
0.5
0.7
Freewheeling On-
Resistance
RON_BK1_
FRWHL
VSYS = +3.7V,
Buck1VSet = 0x10 (+1.2V)
7
12
Ω
MAX20303
Wearable Power Management Solution
www.maximintegrated.com
Maxim Integrated │ 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com