Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX40201 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX40201
Description  Dual-Channel, 0V to 76V Current-Sense Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX40201 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX40201 Datasheet HTML 1Page - Maxim Integrated Products MAX40201 Datasheet HTML 2Page - Maxim Integrated Products MAX40201 Datasheet HTML 3Page - Maxim Integrated Products MAX40201 Datasheet HTML 4Page - Maxim Integrated Products MAX40201 Datasheet HTML 5Page - Maxim Integrated Products MAX40201 Datasheet HTML 6Page - Maxim Integrated Products MAX40201 Datasheet HTML 7Page - Maxim Integrated Products MAX40201 Datasheet HTML 8Page - Maxim Integrated Products MAX40201 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
(VDD = 3.3V, VRS_+ = VRS_- = 50V, VSENSE_ = VRS_+ - VRS_- = 1mV, TA =25°C, unless otherwise noted.
0
5
10
15
20
25
-6 -5 -4 -3 -2 -1 0
1
2
3
4
5
6
INPUT OFFSET VOLTAGE (µV)
INPUT OFFSET
VOLTAGEHISTOGRAM
toc01
GAIN = 50V/V
-3
-2
-1
0
1
2
3
4
5
6
0
20
40
60
80
INPUT COMMON MODE VOLTAGE (V)
INPUT OFFSET VOLTAGEvs.INPUT COMMON
MODE VOTLAGE
toc03
TA = +25°C
TA = +125°C
TA = -40°C
VDD = 3.3V
GAIN = 50V/V
-0.1
-0.05
0
0.05
0.1
0.15
0.2
0
20
40
60
80
INPUT COMMON MODE VOLTAGE (V)
GAIN ERROR vs.
INPUT COMMON MODE VOTLAGE
toc05
TA = +25°C
TA = 125°C
TA = -40°C
VDD = 3.3V
GAIN = 50V/V
-2
-1
0
1
2
3
4
5
6
7
-50
-25
0
25
50
75
100 125 150
TEMPERAUTRE (°C)
INPUT OFFSET VOLTAGE
vs. TEMPERATURE
toc02
GAIN = 50V/V
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
-50
-25
0
25
50
75
100 125 150
TEMPERATURE (°C)
GAIN ERROR
vs. TEMPERATURE
toc04
GAIN = 50V/V
-4
-2
0
2
4
6
8
2.5
3.5
4.5
5.5
SUPPLY VOLTAGE (V)
INPUT OFFSET VOLTAGE
vs. SUPPLYVOLTAGE
toc06
TA = +25°C
TA = +125°C
TA = -40°C
VCM = 50V
Typical Operating Characteristics
Maxim Integrated │ 4
www.maximintegrated.com
MAX40201
Dual-Channel, 0V to 76V Current-Sense Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com