Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF10100CT Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MBRF10100CT
Description  Dual High-Voltage Schottky Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBRF10100CT Datasheet(HTML) 3 Page - Vishay Siliconix

  MBRF10100CT Datasheet HTML 1Page - Vishay Siliconix MBRF10100CT Datasheet HTML 2Page - Vishay Siliconix MBRF10100CT Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Ratings and
Characteristic Curves (TA = 25°C unless otherwise noted)
1
0.1
10
100
1000
10000
0.01
0.01
110
10
100
0.1
0.1
1
1
10
100
100
1000
0.1
10
Fig. 5 – Typical Junction Capacitance
Per Leg
Reverse Voltage (V)
20
0
100
40
60
80
Fig. 4 – Typical Reverse
Characteristics Per Leg
Fig. 6 – Typical Transient
Thermal Impedance Per Leg
t -- Pulse Duration (sec.)
Percent of Rated Peak Reverse Voltage (%)
TJ = 150°C
100
°C
125
°C
25
°C
0
1.0
2.0
3.0
4.0
5.0
6.0
0
25
50
75
100
125
150
175
Fig. 1 – Forward Derating Curve
Per Leg
Case Temperature (
°C)
0.1
0.3
1.1
0.5
100
10
0.1
0.01
1.0
0.7
0.9
Fig. 3 – Typical Instantaneous
Forward Characteristics Per Leg
TJ = 175°C
TJ = 25°C
TJ = – 40°C
TJ = 150°C
TJ = 125°C
1
10
100
25
50
75
100
125
150
175
Number of Cycles at 60 HZ
Fig. 2 – Maximum Non-Repetitive
Peak Forward Surge Current Per Leg
TJ = 100°C
TJ = TJ max.
8.3ms Single Half Sine-Wave
(JEDEC Method)
MBR10H100CT, MBRF10H100CT & MBRB10H100CT Series
Vishay Semiconductors
formerly General Semiconductor
Document Number 88668
www.vishay.com
24-Apr-03
3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com