Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMNH6042SSDQ Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMNH6042SSDQ
Description  DUAL N-CHANNEL MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMNH6042SSDQ Datasheet(HTML) 3 Page - Diodes Incorporated

  DMNH6042SSDQ Datasheet HTML 1Page - Diodes Incorporated DMNH6042SSDQ Datasheet HTML 2Page - Diodes Incorporated DMNH6042SSDQ Datasheet HTML 3Page - Diodes Incorporated DMNH6042SSDQ Datasheet HTML 4Page - Diodes Incorporated DMNH6042SSDQ Datasheet HTML 5Page - Diodes Incorporated DMNH6042SSDQ Datasheet HTML 6Page - Diodes Incorporated DMNH6042SSDQ Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DMNH6042SSDQ
Document number: DS37829 Rev. 4 - 2
3 of 7
www.diodes.com
August 2016
© Diodes Incorporated
DMNH6042SSDQ
0.0
5.0
10.0
15.0
20.0
25.0
30.0
0
1
2
3
4
5
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 1. Typical Output Characteristic
V
GS = 3.3V
V
GS = 4.0V
V
GS = 4.5V
V
GS = 5V
V
GS = 8V
V
GS = 10V
0
5
10
15
20
25
30
1
2
3
4
5
6
V
GS, GATE-SOURCE VOLTAGE (V)
Figure 2. Typical Transfer Characteristic
V
DS = 5V
T
J = -55
oC
T
J = 25
oC
T
J = 85
oC
T
J = 125
oC
T
J = 150
oC
T
J = 175
oC
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.1
2
4
6
8
10
12
14
16
18
20
V
GS, GATE-SOURCE VOLTAGE (V)
Figure 4. Typical Transfer Characteristic
I
D = 5.1A
I
D = 4.4A
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0
5
10
15
20
25
30
I
D, DRAIN CURRENT (A)
Figure 5. Typical On-Resistance vs Drain Current and
Temperature
V
GS = 10V
T
J = -55
oC
T
J = 25
oC
T
J = 85
oC
T
J = 125
oC
T
J = 175
oC
T
J = 150
oC
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
-50
-25
0
25
50
75
100 125 150 175
T
J, JUNCTION TEMPERATURE (℃)
Figure 6. On-Resistance Variation with Temperature
V
GS = 10V, ID = 5.1A
V
GS = 4.5V, ID = 4.4A
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0
2
4
6
8
10
12
14
16
18
20
V
= 4.5V
GS
V
= 10V
GS
I , DRAIN SOURCE CURRENT (A)
D
Fig. 3 Typical On-Resistance vs.
Drain Current and Gate Voltage



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com