Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4282ESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4282ESA
Description  SOT23, Rail-to-Rail, Fixed-Gain GainAmps/Open-Loop Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4282ESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4282ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4282ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4282ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4282ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4282ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4282ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4282ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4282ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4282ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
SOT23, Rail-to-Rail, Fixed-Gain
GainAmps/Open-Loop Op Amps
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—MAX4174/MAX4175/MAX4274/MAX4275 Fixed-Gain
Amplifiers
(VCC = +2.5V to +5.5V, VEE = 0, VIN+ = VIN- = VCC / 2, RL to VCC / 2, RL = open, TA = TMIN to TMAX, unless otherwise noted. Typical
values are at VCC = +5V and TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VCC to VEE) ....................................-0.3V to +6V
Voltage Inputs (IN_)
MAX4281/4282/4284.....................(VEE - 0.3V) to (VCC + 0.3V)
MAX4174/4175/4274/4275 (with respect to GND) ...........±17V
Output Short-Circuit Duration
(OUT_).....................................Continuous to Either VEE or VCC
Continuous Power Dissipation (TA = +70°C)
5-Pin SOT23 (derate 7.1mW/°C above +70°C).............571mW
8-Pin SO (derate 5.88mW/°C above +70°C).................471mW
8-Pin µMAX (derate 4.1mW/°C above +70°C) ............330mW
14-Pin SO (derate 8.3mW/°C above +70°C)...............667mW
16-Pin QSOP (derate 8.3mW/°C above +70°C)..........667mW
Operating Temperature Range ...........................-40°C to +85°C
Maximum Junction Temperature .....................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
RL = 1kΩ
RL = 100kΩ
MAX4174/MAX4274
Shorted to VCC
Shorted to VEE
Guaranteed by PSRR tests
VCC = 2.5V to 5.5V
IN_+, MAX4174/MAX4274 (Note 2)
MAX4175/MAX4275
MAX4175/MAX4275,
includes VCC / 2 bias resistors
MAX4174/MAX4274
RL = 100kΩ
CONDITIONS
mV
60
150
Output Voltage Swing
(Note 4)
150
250
28
28
VOH/VOL
mA
65
Short-Circuit Current
10
Ω
0.02
ROUT
Closed-Loop Output
Impedance
dB
70
90
PSRR
Power-Supply Rejection
Ratio
k
Ω
75
Noninverting Input
Resistance
M
Ω
1000
330
510
300
460
V
2.5
5.5
VCC
Supply Voltage Range
150
nA
±0.05
±10
IBIAS
Input Bias Current
µV/°C
Input Offset Voltage Drift
±5
320
480
µA
355
530
ICC
Supply Current
(per Amplifier)
±0.5
±2.5
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
VCC = 3V
VCC = 5V
VCC = 3V
VCC = 5V
mV
VOS
Input Offset Voltage
AV < 25V/V
k
Ω
40
Inverting Input Resistance
AV > 25V/V
VCC - VOH
VOL - VEE
VCC - VOH
VOL - VEE
MAX4175/MAX4275, VIN+ = VIN-
V
VCC / 2
VCC / 2
- 0.25
+ 0.25
IN_+ Bias Voltage
Guaranteed by functional test (Note 3)
V
VEE
VCC - 1.2
IN_+ Input Voltage Range
Guaranteed by functional test
V
VEE
VCC
IN_- Input Voltage Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com