Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9874 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9874
Description  IF Digitizing Subsystem
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9874 Datasheet(HTML) 2 Page - Analog Devices

  AD9874 Datasheet HTML 1Page - Analog Devices AD9874 Datasheet HTML 2Page - Analog Devices AD9874 Datasheet HTML 3Page - Analog Devices AD9874 Datasheet HTML 4Page - Analog Devices AD9874 Datasheet HTML 5Page - Analog Devices AD9874 Datasheet HTML 6Page - Analog Devices AD9874 Datasheet HTML 7Page - Analog Devices AD9874 Datasheet HTML 8Page - Analog Devices AD9874 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
REV. 0
–2–
Parameter
Temp
Test Level
Min
Typ
Max
Unit
SYSTEM DYNAMIC PERFORMANCE
2
SSB Noise Figure @ Min VGA Attenuation
3, 4
Full
IV
8.1
9.5
dB
@ Max VGA Attenuation
3, 4
Full
IV
13
dB
Dynamic Range with AGC Enabled
3, 4
Full
IV
91
95
dB
IF Input Clip Point @ Max VGA Attenuation
3
Full
IV
–20
–19
dBm
@ Min VGA Attenuation
3
Full
IV
–32
–31
dBm
Input Third Order Intercept (IIP3)
Full
IV
–5
0
dBm
Gain Variation over Temperature
Full
IV
0.7
2
dB
LNA + MIXER
Maximum RF and LO Frequency Range
Full
IV
300
500
MHz
LNA Input Impedance
25
oCV
370//1.4
Ω//pF
Mixer LO Input Resistance
25
oCV
1
k
Ω
LO SYNTHESIZER
LO Input Frequency
Full
IV
7.75
300
MHz
LO Input Amplitude
Full
IV
0.3
2.0
V p-p
FREF (Reference) Frequency
Full
IV
0.1
25
MHz
FREF Input Amplitude
Full
IV
0.3
3
V p-p
Minimum Charge Pump Current
@ 5 V5
Full
VI
0.48
0.67
0.78
mA
Maximum Charge Pump Current
@ 5 V5
Full
VI
3.87
5.3
6.2
mA
Charge Pump Output Compliance
6
Full
VI
0.4
VDDP – 0.4
V
Synthesizer Resolution
Full
IV
6.25
kHz
CLOCK SYNTHESIZER
CLK Input Frequency
Full
IV
13
26
MHz
CLK Input Amplitude
Full
IV
0.3
VDDC
V p-p
Minimum Charge Pump Output Current
5
Full
VI
0.48
0.67
0.78
mA
Maximum Charge Pump Output Current
5
Full
VI
3.87
5.3
6.2
mA
Charge Pump Output Compliance
6
Full
VI
0.4
VDDQ – 0.4
V
Synthesizer Resolution
Full
IV
2.2
kHz
SIGMA-DELTA ADC
Resolution
Full
IV
16
24
Bits
Clock Frequency (fCLK)
Full
IV
13
26
MHz
Center Frequency
Full
V
fCLK/8
MHz
Pass-Band Gain Variation
Full
IV
1.0
dB
Alias Attenuation
Full
IV
80
dB
GAIN CONTROL
Programmable Gain Step
Full
V
16
dB
AGC Gain Range (Continuous)
Full
V
12
dB
OVERALL
Analog Supply Voltage
(VDDA, VDDF, VDDI)
Full
VI
2.7
3.0
3.6
V
Digital Supply Voltage
(VDDD, VDDC, VDDL)
Full
VI
2.7
3.0
3.6
V
Interface Supply Voltage
7
(VDDH)
Full
VI
1.8
3.6
V
Charge Pump Supply Voltage
(VDDP, VDDQ)
Full
VI
2.7
5.0
5.5
V
Total Current
High Performance Setting
8
Full
VI
20
26.5
mA
Low Power Mode
8
Full
VI
17
22
mA
Standby
Full
VI
0.01
0.1
mA
OPERATING TEMPERATURE RANGE
–40
+85
°C
NOTES
1 Standard operating mode: LNA/Mixer @ high bias setting, VGA @ Min ATTEN setting, synthesizers in normal (not fast acquire) mode, f
CLK = 18 MHz, decimation
factor = 900, 16-bit digital output, and 10 pF load on SSI output pins.
2 This includes 0.9 dB loss of matching network.
3 AGC with DVGA enabled.
4 Measured in 10 kHz bandwidth.
5 Programmable in 0.67 mA steps.
6 Voltage span in which LO (or CLK) charge pump output current is maintained within 5% of nominal value of VDDP/2 (or VDDQ/2).
7 VDDH must be less than VDDD + 0.5 V.
8 Clock VCO off, add additional 0.7 mA with VGA @ Max ATTEN setting.
Specifications subject to change without notice.
(VDDI = VDDF = VDDA = VDDC = VDDL = VDDD = VDDH = 2.7 to 3.6 V,
VDDQ = VDDP = 2.7 V to 5.5 V, fCLK = 18 MSPS, fIF = 109.65 MHz, fLO = 107.4 MHz, fREF = 16.8 MHz, unless otherwise noted.)
1
AD9874–SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com