Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSPESD301 Datasheet(PDF) 2 Page - California Micro Devices Corp

Part # CSPESD301
Description  1,2 and 3-Channel ESD Arrays in CSP
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CSPESD301 Datasheet(HTML) 2 Page - California Micro Devices Corp

  CSPESD301 Datasheet HTML 1Page - California Micro Devices Corp CSPESD301 Datasheet HTML 2Page - California Micro Devices Corp CSPESD301 Datasheet HTML 3Page - California Micro Devices Corp CSPESD301 Datasheet HTML 4Page - California Micro Devices Corp CSPESD301 Datasheet HTML 5Page - California Micro Devices Corp CSPESD301 Datasheet HTML 6Page - California Micro Devices Corp CSPESD301 Datasheet HTML 7Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
© 2003 California Micro Devices Corp. All rights reserved.
2
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
L Tel: 408.263.3214
L Fax: 408.263.7846 L www.calmicro.com
12/10/03
CSPESD301/302/303
Ordering Information
Note 1: Parts are shipped in Tape & Reel form unless otherwise specified.
Note 2: Lead-free devices are specified by using a "
+" character for the top side orientation mark.
B2
B1
A1
A2
Orientation
Marking
2
1
B
A
n*
Orientation
Marking
(see note 2)
PACKAGE / PINOUT DIAGRAMS
Notes:
CSPESD301/302/303
TOP VIEW
BOTTOM VIEW
(Bumps Down View)
(Bumps Up View)
* See ordering information for
appropriate part marking.
1) These drawings are not to scale.
2) Lead-free devices are specified by using a "+" character for the top side orientation mark.
4-Bump CSP Package
3) All 4 bumps are always present. Unused bumps are electrically unconnected.
PART NUMBERING INFORMATION
Bumps
Package
Standard Finish
Lead-free Finish2
Ordering Part
Number1
Part Marking
Ordering Part
Number1
Part Marking
4
CSP
CSPESD301
F
CSPESD301G
F
4
CSP
CSPESD302
G
CSPESD302G
G
4
CSP
CSPESD303
H
CSPESD303G
H



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com