Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA1074 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STA1074
Description  Telemaco2 family of telematics and connectivity microprocessors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1074 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STA1074 Datasheet HTML 8Page - STMicroelectronics STA1074 Datasheet HTML 9Page - STMicroelectronics STA1074 Datasheet HTML 10Page - STMicroelectronics STA1074 Datasheet HTML 11Page - STMicroelectronics STA1074 Datasheet HTML 12Page - STMicroelectronics STA1074 Datasheet HTML 13Page - STMicroelectronics STA1074 Datasheet HTML 14Page - STMicroelectronics STA1074 Datasheet HTML 15Page - STMicroelectronics STA1074 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Order codes
STA1074, STA1078, STA1079, STA1088
14/16
DocID028356 Rev 1
4
Order codes
Table 3. Telemaco2 product versions
STA1074
STA1078
STA1079
STA1088
SDRAM
16 bit
32 bit
CAN
No
2x
1x
2x
Audio DACs
No
1x Stereo
3x Stereo
Audio ADCs
No
1x Stereo/1x Mono
DSP Subsystem
No
No
Yes
Yes
Package
TFBGA256 (11x11 mm)
LFBGA361 (16x16 mm)
Table 4. Ordering information
[Root]
Root Code
[Freq]
CortexR4 Frequency
[Sec]
Security
[Grade]
Qualification
Grade
[Pack]
Packing
STA1074
STA1078
STA1079
STA1088
E = Eco (450MHz)
L = Locked
A = Automotive
[empty] = Tray
H = High (533MHz)
O = Open
C = Consumer
TR = Tape & Reel
P = Premium (600 MHz)
Part number example: STA1078EOA
STA1078
E = Eco (450 MHz)
O = Open
A = Automotive
[empty] = Tray



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com